Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

Part # FX
Description  FX Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

FX Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  FX Datasheet HTML 1Page - Sharma Electro Components,Inc FX Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CASE SIZE (ψDxL(mm)) / MAX PERMISSIBLE RIPPLE CURRENT(RC(mArms) / 120Hz,105℃)
4
6.3
10
16
25
35
50
SPEC
μF
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
0.1
4x5
1
0.22
4x5
2
0.33
4x5
3
0.47
4x5
5
1
4x5
10
2.2
4x5
15
3.3
4x5
15
4.7
4x5
10
4x5
15
4x5
15
5x5
20
10
4x5
15
4x5
20
4x5
20
4x5
25
5x5
30
6.3x5
35
22
4x5
20
4x5
25
5x5
25
5x5
30
6.3x5
40
6.3x5
45
6.3x5
55
33
4x5
25
5x5
30
5x5
35
5x5
40
6.3x5
50
47
5x5
30
5x5
35
6.3x5
45
6.3x5
55
100
6.3x5
50
6.3x5
60
6.3x5
70
6.3x5
90
220
6.3x5
70
8x5
95
330
8x5
110
8x5
120
WV
Case Size / Max Ripple Current
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com