Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # LC
Description  LC Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

LC Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  LC Datasheet HTML 1Page - Sharma Electro Components,Inc LC Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LC Series
Items
Characteristics
Capacitance Tolerance
± 2 0% (M) (120Hz,20℃)
Rated Voltage Range (WV)
160~450VDC
Operating Temperature Range
-40 ~ +105℃
WV
160
200
250
350
400
450
Surge Voltage (V) (20℃)
SV
200
250
300
400
450
500
I≦0.03CV +40μA (CV≦1000)
I≦0.02CV +25μA (CV>1000)
(After rated voltage applied for 5 minutes)
Leakage Current (Max) (20℃)
I= Leakage Current (μA)
C= Nominal Capacitance (μF)
V= Rated Voltage (V)
WV
160
200
250
350
400
450
tanδ
0.15
0.15
0.15
0.24
0.24
0.24
Dissipation Factor (Max)
(tanδ) (120Hz ,20℃)
WV
Z (120Hz)
160
200
250
350
400
450
Low Temperature Stability
Impedance Ratio (Max)
Z(-40℃) / Z(20℃)
6
6
6
6
6
6
After applying rated voltage for 5000 hours at 105℃,
the capacitor shall meet the following requirement.
Capacitance Change
Within ± 20% of the initial value
Dissipation Factor
Not more than 200% of the specified value
Load Life
Leakage Current
Not More than the specified value
Shelf Life
After placed at 105℃without voltage applied for 1000 hours,
the capacitor shall meet the same requirement as load life
Others
Satisfied JIS C 5101
Frequency coefficient
Frequency (Hz)
50
120
1K
10K
100K
Coefficient
0.45
0.55
0.75
0.85
1.00
Temperature coefficient
Ambient Temperature (℃)
50
70
85
105
Coefficient
1.90
1.75
1.40
1.00
■ Features
• Lifetime:105℃,5000hrs
• Wide temperature range
• Low ESR
• Low Impedance
■ Recommended Applications
• AV(TV, Video, Audio)
• Monitor/Computer
• OA/HA/Communication
• Converter/Inverter
• SMPS
• Ballast
Specifications
Dimensions (mm)
ψD
10
13
16
18
P
5.0
5.0
7.5
7.5
ψd
0.6
0.6
(0.8)
0.8
0.8
a
1.0
2.0
2.0
2.0
Multiplier for Ripple Current
(
) : L≧
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Description - LC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TXM-315-LC ETC2-TXM-315-LC Datasheet
368Kb / 11P
LC SERIES TRANSMITTER MODULE
RXM-315-LC-S ETC2-RXM-315-LC-S Datasheet
380Kb / 9P
LC SERIES RECEIVER MODULE DATA
logo
Molex Electronics Ltd.
0885236604 MOLEX10-0885236604 Datasheet
96Kb / 2P
LC-to-LC, Multimode
logo
Pasternack Enterprises,...
PE9419 PASTERNACK-PE9419 Datasheet
240Kb / 2P
LC Female to LC Female Adapter
PE9569 PASTERNACK-PE9569 Datasheet
239Kb / 2P
LC Male to LC Male Adapter
logo
Tripp Lite. All Rights ...
N455000 TRIPPLITE-N455000 Datasheet
481Kb / 2P
Duplex Multimode Fiber Coupler (LC-LC)
logo
List of Unclassifed Man...
LC72AY-1 ETC2-LC72AY-1 Datasheet
816Kb / 5P
Komatsulite??LC Series Breaker
logo
Tripp Lite. All Rights ...
N455-000 TRIPPLITE-N455-000 Datasheet
155Kb / 2P
Duplex Multimode Fiber Coupler (LC/LC)
N455-000-S TRIPPLITE-N455-000-S Datasheet
155Kb / 2P
Duplex Singlemode Fiber Coupler (LC/LC)
logo
Littelfuse
LC103J2G LITTELFUSE-LC103J2G Datasheet
194Kb / 2P
LC Series Miniature Thermistors
Revised: March 23, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com