Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # LU
Description  LU Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

LU Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  LU Datasheet HTML 1Page - Sharma Electro Components,Inc LU Datasheet HTML 2Page - Sharma Electro Components,Inc LU Datasheet HTML 3Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LU Series
Items
Characteristics
Capacitance Tolerance
±20% (M) (120Hz,20℃)
Rated Voltage Range (WV)
6.3~100VDC
Operating Temperature Range
-40 ~ +105℃
WV
6.3
10
16
25
35
50
63
100
Surge Voltage (V) (20℃)
SV
8
13
20
32
44
63
79
125
I≦0.01CV or3μA whichever is greater
(After rated voltage applied for 2 minutes)
Leakage Current (Max) (20℃)
I= Leakage Current (μA) C= Nominal Capacitance (μF) V= Rated Voltage (V)
WV
6.3
10
16
25
35
50
63
100
tanδ
0.22
0.19
0.16
0.14
0.12
0.10
0.09
0.08
Dissipation Factor (Max)
(tanδ) (120Hz ,20℃)
When nominal capacitance is over 1000μF,
tan δ shall be added 0.02 to the listed value with increase of every 1000μF.
WV
Z (120Hz)
6.3
10
16
25
35
50
63
100
Z(-25℃) / Z(20℃)
2
2
2
2
2
2
2
2
Low Temperature Stability
Impedance Ratio (Max)
Z(-40℃) / Z(20℃)
3
3
3
3
3
3
3
3
After applying rated voltage with max ripple current for 1000~5000
hours at 105℃,the capacitor shall meet the following requirement.
Case (ψ) Life time (hrs)
Capacitance Change
Within±25% of the initial value
L=7
1000
ψD≦6.3
2000
ψD = 8
3000
Dissipation Factor
Not more than 200% of the specified
value
ψD = 10
4000
Load Life
Leakage Current
Not more than the specified value
ψD≧13
5000
Shelf Life
After placed at 105℃without voltage applied for 1000 hours (500 hours for L=7),
the capacitor shall meet the same requirement as load life.
Applicable standards
Refer to JIS C 5101
ψD
4
5
6.3
8
10
13
16
18
P
1.5
2.0
2.5
3.5
5.0
5.0
7.5
7.5
ψd
0.45
0.5
0.5
0.6
[0.5]
0.6
0.6
(0.8)
0.8
0.8
a
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
Frequency coefficient
Freq. (Hz)
Cap (μF)
50
120
1K
10K
100K
5.6~390
0.60
0.70
0.85
0.95
1.00
470~1000
0.65
0.75
0.90
0.98
1.00
1200~6800
0.75
0.80
0.95
1.00
1.00
Temperature coefficient
Ambient Temperature (℃)
≦65
85
105
Coefficient
2.0
1.5
1.00
Multiplier for Ripple Current
Dimensions (mm)
Specifications
■ Features
• Lifetime:105℃,
1000∼5000hrs
• Long life
• Low Impedance
■ Recommended Applications
• AV(TV, Video, Audio)
• Monitor/Computer
• OA/HA/Communication
• Converter/Inverter
• Adapter
• SMPS
( ) : L≧30
[ ] : L = 7
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Description - LU

ManufacturerPart #DatasheetDescription
logo
RFE international
CI-065-KS1-10K-M RFE-CI-065-KS1-10K-M Datasheet
257Kb / 1P
SEMI-FIXED TRIMMERS CI & LU Series: Cermet & Carbon
logo
List of Unclassifed Man...
240-PROPLUS ETC2-240-PROPLUS Datasheet
5Mb / 64P
T O TA L L A M P S O LU T I O N S
logo
RAYEX ELECTRONICS CO., ...
LU-5-R RAYEX-LU-5-R Datasheet
65Kb / 2P
LU SERIES
logo
Belden Inc.
GUSL106 BELDEN-GUSL106 Datasheet
154Kb / 2P
Universal OFC CLT (LU S1085 A4): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm (OD 6.5mm) 6f MM OM1. CPR Dca.
2023 Belden, Inc
GUSL108 BELDEN-GUSL108 Datasheet
154Kb / 2P
Universal OFC CLT (LU S1085 A4): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm (OD 6.5mm) 8f MM OM1. CPR Dca.
2023 Belden, Inc
GUSL204 BELDEN-GUSL204 Datasheet
154Kb / 2P
Universal OFC CLT (LU S1085 A4): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm (OD 6.5mm) 4f MM OM2. CPR Dca.
2023 Belden, Inc
GUSL206 BELDEN-GUSL206 Datasheet
152Kb / 2P
Universal OFC CLT (LU S1085 A4): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm (OD 6.5mm) 6f MM OM2. CPR Dca.
2023 Belden, Inc
GUSL212 BELDEN-GUSL212 Datasheet
154Kb / 2P
Universal OFC CLT (LU S1085 A4): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm (OD 6.5mm) 12f MM OM2. CPR Dca.
2023 Belden, Inc
logo
RAYEX ELECTRONICS CO., ...
LU-H RAYEX-LU-H Datasheet
618Kb / 2P
LU-H SERIES
LUZ-12 RAYEX-LUZ-12 Datasheet
444Kb / 2P
LU SERIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com