Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LZ Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # LZ
Description  LZ Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

LZ Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  LZ Datasheet HTML 1Page - Sharma Electro Components,Inc LZ Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LZ Series
Items
Characteristics
Capacitance Tolerance
±20% (M) (120Hz,20℃)
Rated Voltage Range (WV)
6.3~50 VDC
Operating Temperature Range
-55 ~ +105℃
WV
6.3
10
16
25
35
50
63
100
Surge Voltage (V) (20℃)
SV
8
13
20
32
44
63
79
125
I≦0.01CV or3μA whichever is greater
(After rated voltage applied for 2 minutes)
Leakage Current (Max) (20℃)
I= Leakage Current (μA) C= Nominal Capacitance (μF) V= Rated Voltage (V)
WV
6.3
10
16
25
35
50
63
100
tanδ
0.22
0.19
0.16
0.14
0.12
0.10
0.09
0.08
Dissipation Factor (Max)
(tanδ) (120Hz ,20℃)
When nominal capacitance is over 1000μF,
tanδ shall be added 0.02 to the listed value with increase of every 1000μF.
WV
Z (120Hz)
6.3
10
16
25
35
50
63
100
Z(-25℃) / Z(20℃)
4
3
3
3
3
2
2
2
Low Temperature Stability
Impedance Ratio (Max)
Z(-40℃) / Z(20℃)
8
6
4
4
4
4
4
4
After applying rated voltage for 2000 hours at 105℃,
the capacitor shall meet the following requirement.
Capacitance Change
Within±20% of the initial value
Dissipation Factor
Not more than 200% of the specified value
Load Life
Leakage Current
Not more than the specified value
Shelf Life
After placed at 105℃without voltage applied for 1000 hours,
the capacitor shall meet the same requirement as load life.
Applicable standards
Refer to JIS C 5101
ψD
5
6.3
8
10
13
16
18
P
2.0
2.5
3.5
5.0
5.0
7.5
7.5
ψd
0.5
0.5
0.6
0.6
0.6
(0.8)
0.8
0.8
a
1.0
1.0
1.0
1.0
2.0
2.0
2.0
Frequency coefficient
Frequency (Hz)
50
120
1K
10K
100K
Coefficient
0.45
0.55
0.75
0.85
1.00
Temperature coefficient
Ambient Temperature (℃)
≦
50
70
85
105
Coefficient
1.90
1.75
1.40
1.00
Multiplier for Ripple Current
Dimensions (mm)
Specifications
■ Features
• Lifetime:105℃,2000hrs
• Wide temperature range
• Low Impedance
■ Recommended Applications
• AV(TV, Video, Audio)
• Monitor/Computer
• OA/HA/Communication
• Converter/Inverter
• Adapter
• SMPS
( ) : L≧30
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Description - LZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ9GF16 SHARP-LZ9GF16 Datasheet
1Mb / 22P
LZ 9 G Series 1 6 0 0 Gates Gate Array
logo
Ferroxcube Internationa...
CSHS-EP7-1S-8P-LZ FERROXCUBE-CSHS-EP7-1S-8P-LZ Datasheet
49Kb / 1P
CSHS-EP7-1S-8P-LZ
logo
Lite-On Technology Corp...
LZ-12H-K LITEON-LZ-12H-K Datasheet
514Kb / 10P
POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
LZ-24H-C LITEON-LZ-24H-C Datasheet
482Kb / 11P
POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
logo
Honeywell Accelerometer...
LZA1 HONEYWELL-ACC-LZA1 Datasheet
277Kb / 2P
Installation and adjusting instructions LZ metal-enclosed switches
logo
List of Unclassifed Man...
LZL1 ETC1-LZL1 Datasheet
277Kb / 2P
Installation and adjusting instructions LZ metal-enclosed switches
logo
Panasonic Battery Group
ALZ PANASONICBATTERY-ALZ Datasheet
74Kb / 4P
LZ RELAYS
logo
Schneider Electric
9421LZL250H46 SCHNEIDER-9421LZL250H46 Datasheet
95Kb / 2P
Operating Mechanism, Type LZ, door mount, 250A mechanism, 6 inch handle, long shaft, for PowerPact C, H, J and NSF
Jul 7, 2021
9421LZ400H46 SCHNEIDER-9421LZ400H46 Datasheet
94Kb / 1P
Operating Mechanism, Type LZ, door mount kit, 400A mechanism, 6 inch handle, standard shaft, for PowerPact D, L and NSJ
Jul 7, 2021
9421LZ400 SCHNEIDER-9421LZ400 Datasheet
108Kb / 2P
Operating Mechanism, Type LZ, door mount, 400A mechanism, for PowerPact D, L and NSJ circuit breakers
Jul 7, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com