Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # RB
Description  RB Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

RB Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  RB Datasheet HTML 1Page - Sharma Electro Components,Inc RB Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RB Series
Items
Characteristics
Capacitance Tolerance
±10% (K) (1KHz,20℃)
Rated Voltage Range (WV)
25~100 VDC
Operating Temperature Range
-40 ~ +85℃
WV
25
35
50
63
80
100
Surge Voltage (V) (20℃)
SV
32
44
63
79
100
125
I≦0.03CV or 3μA whichever is greater
(After rated voltage applied for 2 minutes)
Leakage Current (Max) (20℃)
I= Leakage Current (μA) C= Nominal Capacitance (μF) V= Rated Voltage (V)
WV
25
35
50
63
80
100
tanδ
0.17
0.15
0.15
0.12
0.10
0.10
Dissipation Factor (Max)
(tanδ) (1KHz ,20℃)
After applying rated voltage for 1000 hours at 85℃,
the capacitor shall meet the following requirement.
(The polarity shall be reversed every 250 hours)
Capacitance Change
Within±20% of the initial value
Dissipation Factor
Not more than 200% of the specified value
Load Life
Leakage Current
Not more than the specified value
Shelf Life
After placed at 85℃without voltage applied for 500 hours,
the capacitor shall meet the same requirement as load life.
Applicable standards
Refer to JIS C-5101
ψD
5
6.3
8
10
13
16
18
P
2.0
2.5
3.5
5.0
5.0
7.5
7.5
ψd
0.5
0.5
0.6
0.6
0.6
(0.8)
0.8
0.8
a
1.0
1.0
1.0
1.0
2.0
2.0
2.0
Frequency coefficient
Freq. (Hz)
WV (VDC)
50
120
1K
10K
100K
25~35
0.80
0.90
1.00
1.60
1.80
50~100
0.80
0.90
1.00
1.70
2.00
Temperature coefficient
Ambient Temperature (℃)
50
70
85
Coefficient
1.36
1.25
1.00
Multiplier for Ripple Current
Dimensions (mm)
■ Features
• Lifetime:85℃,1000hrs
• Non-polarized/Polarity
reversing
• High ripple current
■ Recommended Applications
• Crossover/Speaker network
• Reversed polarity circuit
Specifications
( ) : L≧30
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Description - RB

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
RB150 LRC-RB150 Datasheet
53Kb / 2P
1.5A RB SERIES SIP BRIDGE RECTIFIERS
RB201 LRC-RB201 Datasheet
58Kb / 2P
2.0/3.0A RB SERIES SIP BRIDGE RECTIFIERS
logo
Molex Electronics Ltd.
1301730036 MOLEX2-1301730036 Datasheet
288Kb / 2P
RB SERIES OF RETRACTORS
logo
List of Unclassifed Man...
RB6122-16-1M0 ETC2-RB6122-16-1M0 Datasheet
2Mb / 6P
EMC/EMI Chokes RB Series
RB06BTP1001 ETC-RB06BTP1001 Datasheet
968Kb / 13P
Thin Film Chip Resistors RB series Standard
logo
Molex Electronics Ltd.
130226-3199 MOLEX11-130226-3199 Datasheet
23Kb / 1P
Cable Stop Replacement Kit for a RB Series
logo
PHOENIX CONTACT
3030860 PHOENIX-3030860 Datasheet
67Kb / 2P
RB ST 6-(2,5/4)
3030886 PHOENIX-3030886 Datasheet
68Kb / 2P
RB ST 16-(2,5/4)
3047060 PHOENIX-3047060 Datasheet
67Kb / 2P
RB UT 10-(2,5/4)
3047072 PHOENIX-3047072 Datasheet
58Kb / 3P
Reducing bridge - RB 16-6
09/11/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com