Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RN Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

Part # RN
Description  RN Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

RN Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  RN Datasheet HTML 1Page - Sharma Electro Components,Inc RN Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CASE SIZE (ψDxL(mm)) / MAX PERMISSIBLE RIPPLE CURRENT (RC(mArms) / 120Hz,85℃)
6.3
10
16
25
35
50
63
SPEC
μF
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
0.47
5x11
5
1
5x11
10
5x11
10
2.2
5x11
20
5x11
20
3.3
5x11
30
5x11
30
4.7
5x11
30
5x11
30
6.3x11
35
10
5x11
40
5x11
40
5x11
40
6.3x11
45
6.3x11
55
22
5x11
50
5x11
55
6.3x11
65
6.3x11
70
8x11
80
8x11
90
33
5x11
60
5x11
65
5x11
70
6.3x11
80
8x11
100
8x11
105
10x12.5
135
47
5x11
70
5x11
75
6.3x11
95
6.3x11
95
8x11
120
8x14
140
10x17
180
100
6.3x11
115
6.3x11
125
8x11
160
8x11
160
10x17
230
10x20
265
13x20
320
220
8x11
205
8x11
215
10x12.5
275
10x17
305
13x20
410
13x25
480
16x26
575
330
8x11
265
10x15
345
10x17
375
13x20
450
13x20
505
16x26
650
16x32
750
470
10x12.5
370
10x17
410
10x20
485
13x20
540
13x25
655
16x32
835
18x36
965
1000
10x20
650
13x20
720
13x25
855
16x26
950
16x32
1140
2200
13x25
1160
16x26
1280
16x32
1510
18x36
1620
3300
16x26
1570
16x32
1690
18x36
1980
4700
16x32
2020
18x36
2160
6800
18x36
2600
80
100
160
200
250
SPEC
μF
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
0.47
5x11
5
6.3x11
5
1
5x11
10
6.3x11
15
6.3x11
15
8x11
15
2.2
5x11
30
6.3x11
25
8x11
20
8x11
20
10x12.5
25
3.3
6.3x11
35
6.3x11
35
10x12.5
30
10x12.5
30
10x12.5
30
4.7
6.3x11
40
6.3x11
40
10x12.5
35
10x15
40
10x17
40
10
8x11
65
8x11
70
10x17
55
13x20
70
13x20
70
22
10x15
105
10x17
135
13x25
105
13x25
120
16x26
135
33
10x17
160
13x20
220
16x26
165
16x26
165
16x32
180
47
10x20
215
13x20
240
16x26
200
16x32
220
16x36
230
100
13x25
385
16x26
425
18x36
360
220
16x32
690
18x36
720
330
18x36
860
WV
WV
Case Size / Max Ripple Current
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com