Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # SL
Description  SL Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

SL Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  SL Datasheet HTML 1Page - Sharma Electro Components,Inc SL Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SL Series
Items
Characteristics
Capacitance Tolerance
±20% (M) (120Hz,20℃)
Rated Voltage Range (WV)
4~63 VDC
Operating Temperature Range
-40 ~ +85℃
WV
4
6.3
10
16
25
35
50
63
Surge Voltage (V) (20℃)
SV
5
8
13
20
32
44
63
79
I≦0.002CV or 0.4μA whichever is greater
(After rated voltage applied for 2 minutes)
Leakage Current (Max) (20℃)
I= Leakage Current (μA) C= Nominal Capacitance (μF) V= Rated Voltage (V)
WV
4
6.3
10
16
25
35
50
63
tanδ
0.35
0.24
0.20
0.16
0.14
0.12
0.10
0.08
Dissipation Factor (Max)
(tanδ) (120Hz ,20℃)
WV
Z (120Hz)
4
6.3
10
16
25
35
50
63
Z(-25℃) / Z(20℃)
6
4
3
2
2
2
2
2
Low Temperature Stability
Impedance Ratio (Max)
Z(-40℃) / Z(20℃)
12
8
6
4
4
3
3
3
After applying rated voltage for 1000 hours at 85℃,
the capacitor shall meet the following requirement.
Capacitance Change
Within±20% of the initial value
Dissipation Factor
Not more than 200% of the specified value
Load Life
Leakage Current
Not more than the specified value
Shelf Life
After placed at 85℃without voltage applied for 500 hours,
the capacitor shall meet the same requirement as load life.
Applicable standards
Refer to JIS C 5101
ψD
4
5
6.3
P
1.5
2.0
2.5
ψd
0.45
0.5
0.5
a
1.0
1.0
1.0
Frequency coefficient
Freq. (Hz)
WV (VDC)
50
120
1K
10K
4~10
0.80
1.00
1.10
1.20
16~25
0.80
1.00
1.20
1.30
35~63
0.80
1.00
1.50
1.70
Temperature coefficient
Ambient Temperature (℃)
≦
50
70
85
Coefficient
1.36
1.25
1.00
Multiplier for Ripple Current
Dimensions (mm)
Specifications
■ Features
• Lifetime:85℃,1000hrs
• Low leakage current
• Low profile/Miniature
• 7mm height
■ Recommended Applications
• AV(TV, Video, Audio)
• Monitor/Computer
• OA/HA/Communication
• Hi- Fi Pre-Amp
• Timer/Oscillation circuit
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Description - SL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0603L050SL LITTELFUSE-0603L050SL Datasheet
111Kb / 1P
0603L SL Series
logo
List of Unclassifed Man...
1693430000 ETC1-1693430000 Datasheet
2Mb / 15P
Connectors in 3.50mm pitch Series BL/SL 3.50
logo
Tyco Electronics
1375055-7 MACOM-1375055-7 Datasheet
438Kb / 11P
SL Series Jacks, Category 6
770476-2 MACOM-770476-2 Datasheet
77Kb / 1P
RECEPTACLE, SL-156
logo
Keysight Technologies
TESTEXEC KEYSIGHT-TESTEXEC Datasheet
662Kb / 8P
TestExec SL 7.1
logo
Molex Electronics Ltd.
0050579402 MOLEX1-0050579402_17 Datasheet
43Kb / 2P
SL Modular Connectors
0015388147 MOLEX1-0015388147_17 Datasheet
48Kb / 2P
SL Modular Connectors
0015474052 MOLEX1-0015474052_17 Datasheet
45Kb / 2P
SL Modular Connectors
0015474080 MOLEX1-0015474080_17 Datasheet
48Kb / 2P
SL Modular Connectors
0015474107 MOLEX1-0015474107_17 Datasheet
36Kb / 2P
SL Modular Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com