Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

Part # SM
Description  SM Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

SM Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  SM Datasheet HTML 1Page - Sharma Electro Components,Inc SM Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CASE SIZE (ψDxL(mm)) / MAX PERMISSIBLE RIPPLE CURRENT (RC(mArms) / 120Hz,105 ℃)
6.3
10
16
25
35
50
63
SPEC
μF
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
0.1
5x11
1
5x11
1
0.22
5x11
2
5x11
2
0.33
5x11
3
5x11
3
0.47
5x11
5
5x11
5
1
5x11
10
5x11
10
2.2
5x11
20
5x11
20
3.3
5x11
30
5x11
30
4.7
5x11
35
5x11
40
5x11
45
5x11
50
10
5x11
45
5x11
50
5x11
50
5x11
55
5x11
60
22
5x11
60
5x11
65
5x11
70
5x11
75
5x11
85
6.3x11
95
33
5x11
60
5x11
70
5x11
75
5x11
85
5x11
95
6.3x11
105
8x11
120
47
5x11
75
5x11
85
5x11
95
5x11
105
6.3x11
120
6.3x11
135
8x11
160
100
5x11
110
5x11
130
6.3x11
155
6.3x11
160
8x11
190
8x11
220
10x12.5
290
220
6.3x11
190
6.3x11
210
8x11
215
8x11
270
10x15
350
10x17
400
10x20
470
330
8x11
270
8x11
290
8x11
300
8x14
365
10x17
450
10x20
520
13x20
630
470
8x11
330
8x11
340
8x11
365
10x15
510
10x20
610
13x20
705
13x25
790
680
8x14
410
8x14
440
8x14
460
10x17
555
10x20
725
13x20
815
16x26
1030
1000
10x12.5
440
10x15
560
10x17
645
10x20
715
13x25
935
13x30
1040
16x32
1320
1500
10x17
620
10x17
640
13x20
800
13x25
1040
16x26
1160
16x32
1410
16x36
1470
2200
10x20
750
10x20
810
13x20
970
16x26
1280
16x32
1470
16x36
1570
3300
13x20
1040
13x20
1060
13x25
1240
16x32
1570
16x36
1700
4700
13x20
1140
13x25
1490
13x30
1560
16x36
1790
6800
16x26
1590
16x26
1620
16x32
1890
10000
16x36
1950
18x36
2180
18x36
2220
15000
18x36
2340
18x36
2410
22000
18x40
2560
100
160
200
250
350
400
450
SPEC
μF
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
0.47
5x11
5
5x11
5
5x11
5
6.3x11
5
6.3x11
5
8x11
5
8x11
5
1
5x11
10
5x11
15
5x11
15
6.3x11
15
6.3x11
15
8x11
15
8x11
15
2.2
5x11
20
6.3x11
30
6.3x11
30
8x11
30
8x11
30
10x12.5
30
10x12.5
30
3.3
5x11
30
8x11
45
8x11
45
8x11
45
10x12.5
45
10x15
45
10x15
45
4.7
5x11
50
8x11
55
8x11
60
10x12.5
70
10x12.5
70
10x17
70
10x17
70
10
6.3x11
70
10x15
100
10x17
120
10x17
120
10x17
130
10x20
135
13x20
170
22
8x11
110
10x17
155
10x20
170
10x20
190
13x20
215
13x25
240
16x26
300
33
10x15
160
10x20
195
13x20
255
13x25
305
13x25
310
16x26
360
16x36
425
47
10x15
215
13x20
265
13x25
305
13x25
340
16x26
375
16x36
435
18x36
545
100
10x20
305
16x26
475
16x26
485
16x32
530
18x36
580
18x36
680
220
13x30
605
16x32
650
18x36
765
330
16x26
700
18x40
910
470
16x36
990
680
18x36
1270
1000
18x45
1740
WV
WV
Case Size / Max Ripple Current
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com