Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26LS31CM/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DS26LS31CM/NOPB
Description  DS26LS31C/DS26LS31M Quad High Speed Differential Line Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS26LS31CM/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  DS26LS31CM/NOPB Datasheet HTML 1Page - Texas Instruments DS26LS31CM/NOPB Datasheet HTML 2Page - Texas Instruments DS26LS31CM/NOPB Datasheet HTML 3Page - Texas Instruments DS26LS31CM/NOPB Datasheet HTML 4Page - Texas Instruments DS26LS31CM/NOPB Datasheet HTML 5Page - Texas Instruments DS26LS31CM/NOPB Datasheet HTML 6Page - Texas Instruments DS26LS31CM/NOPB Datasheet HTML 7Page - Texas Instruments DS26LS31CM/NOPB Datasheet HTML 8Page - Texas Instruments DS26LS31CM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DS26LS31C, DS26LS31M
www.ti.com
SNOSBK1C – JUNE 1998 – REVISED APRIL 2013
Switching Characteristics
VCC = 5V, TA = 25°C
Parameter
Test Conditions
Min
Typ
Max
Units
tPLH
Input to Output
CL = 30 pF
10
15
ns
tPHL
Input to Output
CL = 30 pF
10
15
ns
Skew
Output to Output
CL = 30 pF
2.0
6.0
ns
tLZ
Enable to Output
CL = 10 pF, S2 Open
15
35
ns
tHZ
Enable to Output
CL = 10 pF, S1 Open
15
25
ns
tZL
Enable to Output
CL = 30 pF, S2 Open
20
30
ns
tZH
Enable to Output
CL = 30 pF, S1 Open
20
30
ns
AC TEST CIRCUIT AND SWITCHING TIME WAVEFORMS
S1 and S2 of load circuit are closed except where shown.
Figure 2. AC Test Circuit
f = 1 MHz, tr ≤ 15 ns, tf ≤ 6 ns
Figure 3. Propagation Delays
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS26LS31C DS26LS31M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com