Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90CF366 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DS90CF366
Description  DS90CF3x6 3.3-V LVDS Receiver 24-Bit Or 18-Bit Flat Panel Display (FPD) Link, 85 MHz
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CF366 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS90CF366 Datasheet HTML 5Page - Texas Instruments DS90CF366 Datasheet HTML 6Page - Texas Instruments DS90CF366 Datasheet HTML 7Page - Texas Instruments DS90CF366 Datasheet HTML 8Page - Texas Instruments DS90CF366 Datasheet HTML 9Page - Texas Instruments DS90CF366 Datasheet HTML 10Page - Texas Instruments DS90CF366 Datasheet HTML 11Page - Texas Instruments DS90CF366 Datasheet HTML 12Page - Texas Instruments DS90CF366 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
9
DS90CF366, DS90CF386
www.ti.com
SNLS055J – NOVEMBER 1999 – REVISED MAY 2016
Product Folder Links: DS90CF366 DS90CF386
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
(1)
Typical values are given for VCC = 3.3 V and TA = 25°C.
(2)
Receiver skew margin is defined as the valid data sampling region at the receiver inputs. This margin takes into account the transmitter
pulse positions (min and max) and the receiver input setup and hold time (internal data sampling window - RSPos). This margin allows
for LVDS interconnect skew, inter-symbol interference (both dependent on type/length of cable), and clock jitter (less than 150 ps).
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
CLHT
CMOS or LVCMOS low-to-high transition time
See Figure 4
2
3.5
ns
CHLT
CMOS or LVCMOS high-to-low transition time
See Figure 4
1.8
3.5
ns
RSPos0
Receiver input strobe position for bit 0
f = 85 MHz, see Figure 11 and
Figure 12
0.49
0.84
1.19
ns
RSPos1
Receiver input strobe position for bit 1
f = 85 MHz
2.17
2.52
2.87
ns
RSPos2
Receiver input strobe position for bit 2
f = 85 MHz
3.85
4.2
4.55
ns
RSPos3
Receiver input strobe position for bit 3
f = 85 MHz
5.53
5.88
6.23
ns
RSPos4
Receiver input strobe position for bit 4
f = 85 MHz
7.21
7.56
7.91
ns
RSPos5
Receiver input strobe position for bit 5
f = 85 MHz
8.89
9.24
9.59
ns
RSPos6
Receiver input strobe position for bit 6
f = 85 MHz
10.57
10.92
11.27
ns
RSKM
RxIN skew margin(2)
f = 85 MHz, see Figure 13
290
ps
RCOP
RxCLK OUT period
See Figure 5
11.76
T
50
ns
RCOH
RxCLK OUT high time
f = 85 MHz, see Figure 5
4.5
5
7
ns
RCOL
RxCLK OUT low time
f = 85 MHz, see Figure 5
4
5
6.5
ns
RSRC
RxOUT setup to RxCLK OUT
f = 85 MHz, see Figure 5
2
ns
RHRC
RxOUT hold to RxCLK OUT
f = 85 MHz, see Figure 5
3.5
ns
RCCD
RxCLK IN to RxCLK OUT delay
25°C, VCC = 3.3 V, see Figure 6
5.5
7
9.5
ns
RPLLS
Receiver phase lock loop set
See Figure 7
10
ms
RPDD
Receiver power down delay
See Figure 10
1
μs
6.7 Timing Diagrams
Figure 1. Test Pattern, Worst Case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com