Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90CF366MTDX/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DS90CF366MTDX/NOPB
Description  DS90CF3x6 3.3-V LVDS Receiver 24-Bit Or 18-Bit Flat Panel Display (FPD) Link, 85 MHz
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CF366MTDX/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button DS90CF366MTDX/NOPB Datasheet HTML 17Page - Texas Instruments DS90CF366MTDX/NOPB Datasheet HTML 18Page - Texas Instruments DS90CF366MTDX/NOPB Datasheet HTML 19Page - Texas Instruments DS90CF366MTDX/NOPB Datasheet HTML 20Page - Texas Instruments DS90CF366MTDX/NOPB Datasheet HTML 21Page - Texas Instruments DS90CF366MTDX/NOPB Datasheet HTML 22Page - Texas Instruments DS90CF366MTDX/NOPB Datasheet HTML 23Page - Texas Instruments DS90CF366MTDX/NOPB Datasheet HTML 24Page - Texas Instruments DS90CF366MTDX/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
21
DS90CF366, DS90CF386
www.ti.com
SNLS055J – NOVEMBER 1999 – REVISED MAY 2016
Product Folder Links: DS90CF366 DS90CF386
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Typical Applications (continued)
8.2.1 Design Requirements
For this design example, follow the requirements in Table 1.
Table 1. Design Parameters
PARAMETER
DESIGN REQUIREMENTS
Operating frequency
LVDS clock must be within 20 MHz to 85 MHz.
Bit resolution
DS90CF386: No higher than 24 bpp. The maximum supported resolution is 8-bit RGB.
DS90CF366: No higher than 18 bpp. The maximum supported resolution is 6-bit RGB.
Bit data mapping
Determine the appropriate mapping required by the panel display following the DS90CF386 or
DS90CF366 outputs.
RSKM (Receiver skew margin)
Ensure that there is acceptable margin between Tx pulse position and Rx strobe position.
Input termination for RxIN±
Inputs require a 100
Ω ± 10% resistor across each LVDS differential pair. Place as close as
possible to IC input pins.
RxIN± board trace impedance
Design differential trace impedance with 100
Ω ±5%
LVCMOS outputs
If unused, leave pins floating. Series resistance on each LVCMOS output optional to reduce
reflections from long board traces. If used, 33-
Ω series resistance is typical.
DC power supply coupling capacitors
Use a 0.1-µF capacitor to minimize power supply noise. Place as close as possible to VCC
pins.
8.2.2 Detailed Design Procedure
To design with the DS90CF386 or DS90CF366, determine the following:
•
Cable Interface
•
Bit Resolution and Operating Frequency
•
Bit Mapping from Receiver to Endpoint Panel Display
•
RSKM Interoperability with Transmitter Pulse Position Margin
8.2.2.1 Cables
A cable interface between the transmitter and receiver needs to support the differential LVDS pairs. The
DS90CF366 requires four pairs of signal wires and the DS90CF386 requires five pairs of signal wires. The ideal
cable interface has a constant 100-
Ω differential impedance throughout the path. It is also recommended that
cable skew remain below 120 ps (assuming 85 MHz clock rate) to maintain a sufficient data sampling window at
the receiver.
Depending upon the application and data rate, the interconnecting media between Tx and Rx may vary. For
example, for lower data rate (clock rate) and shorter cable lengths (< 2m), the media electrical performance is
less critical. For higher speed or long distance applications, the media's performance becomes more critical.
Certain cable constructions provide tighter skew (matched electrical length between the conductors and pairs).
For example, twin-coax cables have been demonstrated at distances as long as five meters and with the
maximum data transfer of 2.38 Gbps (DS90CF366) and 1.785 Gbps (DS90CF386).
8.2.2.2 Bit Resolution and Operating Frequency Compatibility
The bit resolution of the endpoint panel display reveals whether there are enough bits available in the
DS90CF386 or DS90CF366 to output the required data per pixel. The DS90CF386 has 28 parallel LVCMOS
outputs and can therefore provide a bit resolution up to 24 bpp (bits per pixel). In each clock cycle, the remaining
bits are the three control signals (HSync, VSync, DE) and one spare bit. The DS90CF366 has 21 parallel
LVCMOS outputs and can therefore provide a bit resolution up to 18 bpp (bits per pixel). In each clock cycle, the
remaining bits are the three control signals (HSync, VSync, DE).
The number of pixels per frame and the refresh rate of the endpoint panel display indicate the required operating
frequency of the deserializer clock. To determine the required clock frequency, refer to Equation 1.
f_Clk = [H_Active + H_Blank] × [V_Active + V_Blank] × f_Vertical
where
•
H_Active = Active Display Horizontal Lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com