Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26LS32ACM/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # DS26LS32ACM/NOPB
Description  DS26LS32AC/DS26LS32C/DS26LS32M/DS26LS33M Quad Differential Line Receivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS26LS32ACM/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  DS26LS32ACM/NOPB Datasheet HTML 1Page - Texas Instruments DS26LS32ACM/NOPB Datasheet HTML 2Page - Texas Instruments DS26LS32ACM/NOPB Datasheet HTML 3Page - Texas Instruments DS26LS32ACM/NOPB Datasheet HTML 4Page - Texas Instruments DS26LS32ACM/NOPB Datasheet HTML 5Page - Texas Instruments DS26LS32ACM/NOPB Datasheet HTML 6Page - Texas Instruments DS26LS32ACM/NOPB Datasheet HTML 7Page - Texas Instruments DS26LS32ACM/NOPB Datasheet HTML 8Page - Texas Instruments DS26LS32ACM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DS26LS32AC, DS26LS32C, DS26LS32M, DS26LS33M
www.ti.com
SNLS352C – MAY 1999 – REVISED FEBRUARY 2013
Diagram shown for ENABLE low.
Pulse generator for all pulses: Rate = 1.0 MHz; ZO = 50Ω; tr ≤ 6 ns; tf ≤ 6.0 ns.
Figure 4. Propagation Delay
S1 and S2 of load circuit are closed except where shown.
Pulse generator for all pulses: Rate = 1.0 MHz; ZO = 50Ω; tr ≤ 6 ns; tf ≤ 6.0 ns.
Figure 5. Enable and Disable Times
TYPICAL APPLICATIONS
Figure 6. Two-Wire Balanced Interface—RS-422
Figure 7. Single Wire with Driver Ground Reference—RS-423
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS26LS32AC DS26LS32C DS26LS32M DS26LS33M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com