Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCS7476 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADCS7476
Description  1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADCS7476 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADCS7476 Datasheet HTML 9Page - National Semiconductor (TI) ADCS7476 Datasheet HTML 10Page - National Semiconductor (TI) ADCS7476 Datasheet HTML 11Page - National Semiconductor (TI) ADCS7476 Datasheet HTML 12Page - National Semiconductor (TI) ADCS7476 Datasheet HTML 13Page - National Semiconductor (TI) ADCS7476 Datasheet HTML 14Page - National Semiconductor (TI) ADCS7476 Datasheet HTML 15Page - National Semiconductor (TI) ADCS7476 Datasheet HTML 16Page - National Semiconductor (TI) ADCS7476 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Typical Performance Characteristics T
A = +25˚C, VDD = 3V, fSAMPLE = 1 MSPS, fSCLK = 20 MHz,
f
IN = 100 kHz unless otherwise stated.
ADCS7476
ADCS7476 DNL
ADCS7476 INL
20057706
20057705
ADCS7476 Spectrum Response @ 100kHz Input
ADCS7476 THD vs. Source Impedance
20057707
20057750
ADCS7476 THD vs. Input Frequency, 600 kSPS
ADCS7476 THD vs. Input Frequency, 1 MSPS
20057751
20057752
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com