Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC101S101CIMF Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC101S101CIMF
Description  1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC101S101CIMF Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC101S101CIMF Datasheet HTML 3Page - National Semiconductor (TI) ADC101S101CIMF Datasheet HTML 4Page - National Semiconductor (TI) ADC101S101CIMF Datasheet HTML 5Page - National Semiconductor (TI) ADC101S101CIMF Datasheet HTML 6Page - National Semiconductor (TI) ADC101S101CIMF Datasheet HTML 7Page - National Semiconductor (TI) ADC101S101CIMF Datasheet HTML 8Page - National Semiconductor (TI) ADC101S101CIMF Datasheet HTML 9Page - National Semiconductor (TI) ADC101S101CIMF Datasheet HTML 10Page - National Semiconductor (TI) ADC101S101CIMF Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ADC081S101 Converter Electrical Characteristics
The following specifications apply for V
DD = +2.7V to 5.25V, fSCLK = 20 MHz, fSAMPLE = 1 MSPS unless otherwise noted. Bold-
face limits apply for T
A = −40˚C to +85˚C: all other limits TA = 25˚C, unless otherwise noted.
Symbol
Parameter
Conditions
Typical
Limits
Units
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
8
Bits
INL
Integral Non-Linearity
±0.05
±0.3
LSB (max)
DNL
Differential Non-Linearity
±0.07
±0.3
LSB (max)
V
OFF
Offset Error
±0.03
±0.3
LSB (max)
GE
Gain Error
±0.08
±0.4
LSB (max)
Total Unadjusted Error
±0.07
±0.3
LSB (max)
DYNAMIC CONVERTER CHARACTERISTICS
SINAD
Signal-to-Noise Plus Distortion Ratio
f
IN = 100 kHz
49.7
49
dB (min)
SNR
Signal-to-Noise Ratio
f
IN = 100 kHz
49.7
dB
THD
Total Harmonic Distortion
f
IN = 100 kHz
-77
-65
dB (max)
SFDR
Spurious-Free Dynamic Range
f
IN = 100 kHz
69
65
dB (min)
IMD
Intermodulation Distortion, Second
Order Terms
f
a = 103.5 kHz, fb = 113.5 kHz
-68
dB
Intermodulation Distortion, Third
Order Terms
f
a = 103.5 kHz, fb = 113.5 kHz
-68
dB
FPBW
-3 dB Full Power Bandwidth
+5V Supply
11
MHz
+3V Supply
8
MHz
POWER SUPPLY CHARACTERISTICS
V
DD
Supply Voltage
2.7
5.25
V (min)
V (max)
I
DD
Normal Mode (Static)
V
DD = +4.75V to +5.25V,
SCLK On or Off
2mA
V
DD = +2.7V to +3.6V,
SCLK On or Off
1mA
Normal Mode (Operational)
V
DD = +4.75V to +5.25V,
f
SAMPLE = 1 MSPS
SOT-23
2.0
3.2
mA (max)
LLP
2.6
V
DD = +2.7V to +3.6V,
f
SAMPLE = 1 MSPS
SOT-23
0.6
1.5
mA (max)
LLP
1.1
Shutdown Mode
V
DD = +5V, SCLK Off
0.5
µA (max)
V
DD = +5V, SCLK On
60
µA (max)
P
D
Power Consumption, Normal Mode
(Operational)
V
DD = +5V, fSAMPLE =1
MSPS
SOT-23
10
16
mW (max)
LLP
13
V
DD = +3V, fSAMPLE = 1 MSPS
2
4.5
mW (max)
Power Consumption, Shutdown Mode
V
DD = +5V, SCLK Off
2.5
µW (max)
V
DD = +3V, SCLK Off
1.5
µW (max)
ANALOG INPUT CHARACTERISTICS
V
IN
Input Range
0toV
DD
V
I
DCL
DC Leakage Current
±1
µA (max)
C
INA
Input Capacitance
30
pF
DIGITAL INPUT CHARACTERISTICS
V
IH
Input High Voltage
2.4
V (min)
V
IL
Input Low Voltage
V
DD = +5V
0.8
V (max)
V
DD = +3V
0.4
V (max)
I
IN
Digital Input Current
V
IN =0VorVDD
±10 nA
±1
µA (max)
C
IND
Input Capacitance(Note 3)
2
4
pF (max)
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com