Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7751AN Datasheet(PDF) 11 Page - Analog Devices

Part # ADE7751AN
Description  Energy Metering IC with On-Chip Fault Detection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7751AN Datasheet(HTML) 11 Page - Analog Devices

Back Button ADE7751AN Datasheet HTML 7Page - Analog Devices ADE7751AN Datasheet HTML 8Page - Analog Devices ADE7751AN Datasheet HTML 9Page - Analog Devices ADE7751AN Datasheet HTML 10Page - Analog Devices ADE7751AN Datasheet HTML 11Page - Analog Devices ADE7751AN Datasheet HTML 12Page - Analog Devices ADE7751AN Datasheet HTML 13Page - Analog Devices ADE7751AN Datasheet HTML 14Page - Analog Devices ADE7751AN Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. 0
ADE7751
–11–
Using Equations 2 and 3, the real power P can be expressed in
terms of its fundamental real power (P1) and harmonic real
power (PH).
P = P1 + PH
where:
PV
I
11
1
1
1
1
1
=×
=
cos( )
–
φ
φα
β
(4)
and
(5)
As shown in Equation 5 above, a harmonic real power compo-
nent is generated for every harmonic, provided that harmonic is
present in both the voltage and current waveforms. The power
factor calculation has been shown previously to be accurate in
the case of a pure sinusoid, therefore the harmonic real power
must also correctly account for the power factor since it is made
up of a series of pure sinusoids.
Note that the input bandwidth of the analog inputs is 14 kHz
with a master clock frequency of 3.5795 MHz.
ANALOG INPUTS
Channel V2 (Voltage Channel)
The output of the line voltage transducer is connected to the
ADE7751 at this analog input. Channel V2 is a fully differen-
tial voltage input. The maximum peak differential signal on
Channel 2 is
± 660 mV. Figure 4 illustrates the maximum
signal levels that can be connected to the ADE7751 Channel 2.
DIFFERENTIAL INPUT
600mV MAX PEAK
+600mV
AGND
VCM
V2
V2P
VCM
–600mV
COMMON MODE
100mV MAX
V2N
V2
Figure 4. Maximum Signal Levels, Channel 2
Channel 2 must be driven from a common-mode voltage, i.e.,
the differential voltage signal on the input must be referenced to
a common mode (usually AGND). The analog inputs of the
ADE7751 can be driven with common-mode voltages of up to
100 mV with respect to AGND. However, best results are
achieved using a common mode equal to AGND.
Channel V1 (Current Channel)
The voltage outputs from the current transducers are connected
to the ADE7751 here. Channel V1 has two voltage inputs, namely
V1A and V1B. These inputs are fully differential with respect to
V1N. However, at any one time, only one is selected to perform
the power calculation—see Fault Detection section.
The analog inputs V1A, V1B, and V1N have the same maximum
signal level restrictions as V2P and V2N. However, Channel 1
has a programmable gain amplifier (PGA) with user-selectable
gains of 1, 2, 8, or 16—see Table I. These gains facilitate easy
transducer interfacing.
Figure 5 illustrates the maximum signal levels on V1A, V1B,
and V1N. The maximum differential voltage is
±660 mV divided
by the gain selection. Again, the differential voltage signal on the
inputs must be referenced to a common mode, e.g., AGND. The
maximum common-mode signal is
±100 mV as shown in Figure 5.
V1A, V1B
DIFFERENTIAL INPUT A
660mV/GAIN MAX PEAK
AGND
VCM
V1A
VCM
–660mV
GAIN
COMMON MODE
100mV MAX
V1N
+660mV
GAIN
V1
V1B
DIFFERENTIAL INPUT B
660mV/GAIN MAX PEAK
V1
Figure 5. Maximum Signal Levels, Channel 1
Table I.
Maximum
G1
G0
Gain
Differential Signal
00
1
±660 mV
01
2
±330 mV
10
8
±82 mV
11
16
±41 mV
Typical Connection Diagrams
Figure 6 shows a typical connection diagram for Channel V1.
Here the analog inputs are being used to monitor both the
phase and neutral currents. Because of the large potential
difference between the phase and neutral, two CTs (current
transformers) must be used to provide the isolation. Notice
both CTs are referenced to AGND (analog ground), hence
the common-mode voltage is 0 V. The CT turns ratio and
burden resistor (Rb) are selected to give a peak differential
voltage of
±660 mV/gain.
V1B
660mV
GAIN
CT
IN
V1A
AGND
Rb
Rf
CT
NEUTRAL
PHASE
IP
V1N
Cf
Cf
Rb
660mV
GAIN
Rf
Figure 6. Typical Connection for Channel 1
PV
I
Hh
h
h
hh
h
h
= ∑
××
=
≠
∞
1
cos(
)
–
φ
φα
β



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com