Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC101S101CIMFX Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC101S101CIMFX
Description  1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC101S101CIMFX Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button ADC101S101CIMFX Datasheet HTML 15Page - National Semiconductor (TI) ADC101S101CIMFX Datasheet HTML 16Page - National Semiconductor (TI) ADC101S101CIMFX Datasheet HTML 17Page - National Semiconductor (TI) ADC101S101CIMFX Datasheet HTML 18Page - National Semiconductor (TI) ADC101S101CIMFX Datasheet HTML 19Page - National Semiconductor (TI) ADC101S101CIMFX Datasheet HTML 20Page - National Semiconductor (TI) ADC101S101CIMFX Datasheet HTML 21Page - National Semiconductor (TI) ADC101S101CIMFX Datasheet HTML 22Page - National Semiconductor (TI) ADC101S101CIMFX Datasheet HTML 23Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Applications Information (Continued)
spent in normal mode may be calculated by multiplying the
throughput (in samples per second) by 2 µs, the time taken
to perform one dummy and one valid conversion. The power
consumption can then be found by multiplying the fraction of
time spent in normal mode by the normal mode power
consumption figure. The power dissipated while the part is in
shutdown mode is negligible.
For example, to calculate the power consumption at 300
kSPS with V
DD = 5V, begin by calculating the fraction of time
spent in normal mode: 300,000 samples/second·2µs= 0.6,
or 60%. The power consumption at 300 kSPS is then 60% of
17.5 mW (the maximum power consumption at V
DD = 5V) or
10.5 mW.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com