Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP3028LSD Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP3028LSD
Description  30V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3028LSD Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP3028LSD Datasheet HTML 1Page - Diodes Incorporated DMP3028LSD Datasheet HTML 2Page - Diodes Incorporated DMP3028LSD Datasheet HTML 3Page - Diodes Incorporated DMP3028LSD Datasheet HTML 4Page - Diodes Incorporated DMP3028LSD Datasheet HTML 5Page - Diodes Incorporated DMP3028LSD Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMP3028LSD
Document number: DS35966 Rev. 3 - 2
1 of 6
www.diodes.com
June 2013
© Diodes Incorporated
DMP3028LSD
30V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DS
S
RDS(ON) Max
Package
ID
TA = +25°C
-30V
25m
Ω @VGS = -10V
SO-8
-6.0 A
38m
Ω @VGS = -4.5V
-4.7A
Description
This new generation MOSFET has been designed to minimize the on-
state resistance (RDS(ON)) and yet maintain superior switching
performance, making it ideal for high efficiency power management
applications.
Applications
•
DC-DC Converters
•
Power Management Functions
•
Load Switch
Features
•
Low Input Capacitance
•
Low On-Resistance
•
Fast Switching Speed
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
Qualified to AEC-Q101 standards for High Reliability
Mechanical Data
•
Case: SO-8
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections: See Diagram
•
Terminals: Finish – Tin Finish annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
•
Weight: 0.074 grams (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMP3028LSD-13
SO-8
2,500/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html
Marking Information
e3
D1
S1
G1
S2
G2
D1
D2
D2
Equivalent Circuit
Top View
Pin Configuration
Top View


Similar Part No. - DMP3028LSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3028LSD DIODES-DMP3028LSD_15 Datasheet
245Kb / 6P
30V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results

Similar Description - DMP3028LSD

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMD63P03X ZETEX-ZXMD63P03X Datasheet
210Kb / 7P
DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP3A16DN8 ZETEX-ZXMP3A16DN8 Datasheet
155Kb / 7P
DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
ZXMP3A17DN8 ZETEX-ZXMP3A17DN8 Datasheet
122Kb / 7P
DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
ZXMD63P03X ZETEX-ZXMD63P03X_05 Datasheet
338Kb / 7P
DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A17DN8 DIODES-ZXMP3A17DN8 Datasheet
170Kb / 7P
DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
OCTOBER 2005
DMP3028LSD DIODES-DMP3028LSD_15 Datasheet
245Kb / 6P
30V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
ZXMP3A16DN8 DIODES-ZXMP3A16DN8_15 Datasheet
161Kb / 8P
DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
MAY 2007
ZXMP3A17DN8 DIODES-ZXMP3A17DN8_15 Datasheet
170Kb / 7P
DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
OCTOBER 2005
logo
Pan Jit International I...
PJL9809 PANJIT-PJL9809 Datasheet
358Kb / 6P
30V Dual P-Channel Enhancement Mode MOSFET
April 5,2017-REV.01
PJL9811 PANJIT-PJL9811 Datasheet
371Kb / 6P
30V Dual P-Channel Enhancement Mode MOSFET
January 16,2017-REV.00
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com