Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP3036SFG Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP3036SFG
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3036SFG Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP3036SFG Datasheet HTML 1Page - Diodes Incorporated DMP3036SFG Datasheet HTML 2Page - Diodes Incorporated DMP3036SFG Datasheet HTML 3Page - Diodes Incorporated DMP3036SFG Datasheet HTML 4Page - Diodes Incorporated DMP3036SFG Datasheet HTML 5Page - Diodes Incorporated DMP3036SFG Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
POWERDI is a registered trademark of Diodes Incorporated
DMP3036SFG
Document number: DS37038 Rev. 4 - 2
4 of 6
www.diodes.com
January 2015
© Diodes Incorporated
DMP3036SFG
T , AMBIENT TEMPERATURE (°C)
Figure 7 Gate Threshold Variation vs. Ambient Temperature
A
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
-50
-25
0
25
50
75
100
125
150
-I = 1mA
D
-I = 250µA
D
V
, SOURCE-DRAIN VOLTAGE (V)
Figure 8 Diode Forward Voltage vs. Current
SD
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
1.5
T = 125 C
A
T = 150 C
A
T = 85 C
A
T = 25 C
A
T = -55 C
A
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 9 Typical Drain-Source Leakage Current vs. Voltage
DS
0.1
1
10
100
1000
10000
0
5
10
15
20
25
30
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 10 Typical Junction Capacitance
DS
10
100
1000
10000
0
5
10
15
20
25
30
C
oss
Crss
C
iss
Q , TOTAL GATE CHARGE (nC)
Figure 11 Gate-Charge Characteristics
g
0
2
4
6
8
10
12
14
16
18
20
V
= -15V
I = -10A
DS
D
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 12 SOA, Safe Operation Area
DS
R
Limited
DS(on)
0.01
0.1
1
10
100
0.1
1
10
100
T
= 150°C
T = 25°C
V
= 10V
Single Pulse
J(max)
A
GS
DUT on 1 * MRP Board
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com