Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7020BCP Datasheet(PDF) 15 Page - Analog Devices

Part # ADF7020BCP
Description  High Performance ISM Band FSK/ASK Transceiver IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7020BCP Datasheet(HTML) 15 Page - Analog Devices

Back Button ADF7020BCP Datasheet HTML 11Page - Analog Devices ADF7020BCP Datasheet HTML 12Page - Analog Devices ADF7020BCP Datasheet HTML 13Page - Analog Devices ADF7020BCP Datasheet HTML 14Page - Analog Devices ADF7020BCP Datasheet HTML 15Page - Analog Devices ADF7020BCP Datasheet HTML 16Page - Analog Devices ADF7020BCP Datasheet HTML 17Page - Analog Devices ADF7020BCP Datasheet HTML 18Page - Analog Devices ADF7020BCP Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
Preliminary Technical Data
ADF7020
Rev. PrH | Page 15 of 40
Gaussian Frequency Shift Keying (GFSK)
Gaussian frequency shift keying reduces the bandwidth
occupied by the transmitted spectrum by digitally prefiltering
the TxData. A TxCLK output line is provided from the
ADF7020 for synchronization of TxData from the micro-
controller. The TxCLK line can be connected to the clock input
of a shift register that clocks data to the transmitter at the exact
data rate.
Setting Up the ADF7020 for GFSK
To set up the frequency deviation, set the PFD and the mod
control bits:
12
2
2
]
Hz
[
m
DEVIATION
PFD
GFSK
×
=
where m is GFSK_MOD_CONTROL set using R2_DB(24:26).
To set up the GFSK data rate:
COUNTER
INDEX
FACTOR
DIVIDER
PFD
DR
_
_
]
bps
[
×
=
For further information, see the application note, Using GFSK
on the ADF7010, in the EVAL-ADF7010EB1 Technical Note.
Amplitude Shift Keying (ASK)
Amplitude shift keying is implemented by switching the output
stage between two discrete power levels. This is accomplished
by toggling the DAC, which controls the output level between
two 6-bit values set up in Register 2. A zero TxData bit sends
Bits R2_DB(15:20) to the DAC. A high TxData bit sends Bits
R2_DB(9:14) to the DAC. A maximum modulation depth of
30 dB is possible.
On-Off Keying (OOK)
On-off keying is implemented by switching the output stage to a
certain power level for a high TxData bit and switching the
output stage off for a zero. For OOK, the transmitted power for
a high input is programmed using Bits R2_DB(9:14).
Gaussian On-Off Keying (G-OOK)
Gaussian on-off keying represents a prefiltered form of OOK
modulation. The usually sharp symbol transitions are replaced
with smooth Gaussian filtered transitions, the result being a
reduction in frequency pulling of the VCO. Frequency pulling
of the VCO in OOK mode can lead to a wider than desired BW,
especially if it is not possible to increase the loop filter BW >
300 kHz. The G-OOK sampling clock samples data at the data
rate. (See the Setting Up the ADF7020 for GFSK section.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com