Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3307E Datasheet(PDF) 2 Page - Analog Devices

Part # ADM3307E
Description  15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3307E Datasheet(HTML) 2 Page - Analog Devices

  ADM3307E Datasheet HTML 1Page - Analog Devices ADM3307E Datasheet HTML 2Page - Analog Devices ADM3307E Datasheet HTML 3Page - Analog Devices ADM3307E Datasheet HTML 4Page - Analog Devices ADM3307E Datasheet HTML 5Page - Analog Devices ADM3307E Datasheet HTML 6Page - Analog Devices ADM3307E Datasheet HTML 7Page - Analog Devices ADM3307E Datasheet HTML 8Page - Analog Devices ADM3307E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. G
–2–
ADM3307E/ADM3310E/ADM3311E/ADM3312E/ADM3315E
FUNCTIONAL BLOCK DIAGRAMS
VCC
0.1 F
CERAMIC
10 F
TANTALUM
CMOS
INPUTS1
R1OUT
R3
R1
R2
CMOS
OUTPUTS
T5IN
T5
T4IN
T4
T1IN
T1OUT
T1
T3IN
T2IN
SHUTDOWN
INPUT
ADM3307E
SD
V
C1+
C1
C2
0.1 F
V–
C3+
VCC
EN
GND
C4
0.1 F
ENABLE
INPUT
C2
C3–
C2+
VOLTAGE
TRIPLER/
INVERTER
3V TO
9V
C1
0.1 F
C3
0.1 F
R2OUT
R3OUT
NOTES
1INTERNAL 400k
PULL-UP RESISTOR ON EACH CMOS INPUT.
2INTERNAL 5k
PULL-DOWN RESISTOR ON EACH RS-232 INPUT.
EIA/TIA-232
OUTPUTS
T2OUT
T3OUT
T4OUT
T5OUT
R1OUT
C5
0.1 F
T3
T2
R2OUT
R3OUT
EIA/TIA-232
INPUTS2
VCC
0.1 F
CERAMIC
10 F
TANTALUM
CMOS
INPUTS1
R1OUT
R5
R3
R4
EIA/TIA-232
INPUTS2
CMOS
OUTPUTS
T1IN
T1OUT
T1
T3IN
T2IN
SHUTDOWN
INPUT
ADM3310E/
ADM3311E
V
C1+
C2
V–
C3+
EN
GND
C4
0.1 F
ENABLE
INPUT
C3–
C2+
VOLTAGE
TRIPLER /
INVERTER
3V TO
9V
C1
0.1 F
C3
0.1 F
R2OUT
R3OUT
EIA/TIA-232
OUTPUTS
T2OUT
T3OUT
R1IN
C5
0.1 F
T3
T2
C1–
SD
R2
R1
R2IN
R3IN
R4IN
R5IN
R4OUT
R5OUT
VCC
C2
0.1 F
NOTES
1INTERNAL 400k
PULL-UP RESISTOR ON EACH CMOS INPUT.
2INTERNAL 5k
PULL-DOWN RESISTOR ON EACH RS-232 INPUT.
VCC
0.1 F
CERAMIC
10 F
TANTALUM
CMOS
INPUTS1
R1OUT
R3
CMOS
OUTPUTS
T1IN
T1OUT
T1
T3IN
T2IN
SHUTDOWN
INPUT
ADM3312E/
ADM3315E
V
C1+
C2
V–
C3+
EN
GND
C4
0.1 F
ENABLE
INPUT
C3–
C2+
VOLTAGE
TRIPLER /
INVERTER
3V TO
9V
C1
0.1 F
C3
0.1 F
R2OUT
R3OUT
EIA/TIA-232
OUTPUTS
T2OUT
T3OUT
R1IN
C5
0.1 F
T3
T2
C1–
SD
R2
R1
R2IN
R3IN
VCC
C2
0.1 F
NOTES
1INTERNAL 400k
PULL-UP RESISTOR ON EACH CMOS INPUT.
2INTERNAL 5k
(22k
FOR ADM3315E) PULL-DOWN RESISTOR
ON EACH RS-232 INPUT.
EIA/TIA-232
INPUTS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com