Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83907VF Datasheet(PDF) 64 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907VF
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907VF Datasheet(HTML) 64 Page - National Semiconductor (TI)

Back Button DP83907VF Datasheet HTML 60Page - National Semiconductor (TI) DP83907VF Datasheet HTML 61Page - National Semiconductor (TI) DP83907VF Datasheet HTML 62Page - National Semiconductor (TI) DP83907VF Datasheet HTML 63Page - National Semiconductor (TI) DP83907VF Datasheet HTML 64Page - National Semiconductor (TI) DP83907VF Datasheet HTML 65Page - National Semiconductor (TI) DP83907VF Datasheet HTML 66Page - National Semiconductor (TI) DP83907VF Datasheet HTML 67Page - National Semiconductor (TI) DP83907VF Datasheet HTML 68Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 70 page
background image
Preliminary Switching Design Guidelines (Continued)
ISA SLAVE ACCESSES
(Continued)
Symbol
Description
8-Bit Transfers
16-Bit Transfers
Units
Min
Max
Min
Max
T2
AEN Valid before Command Strobe Active
60
60
ns
T3a
SA0–9 Valid before IORD IOWR Asserted
40
20
ns
T3b
SA0–19 Valid before SMRD SMWR Asserted
32
ns
T4
SMRD IORD Asserted to SD0–15 Driven (Notes 3 14)
0
0
ns
T5a
SA0–9 Valid before IO16 Valid (Notes 1 9)
60
ns
T5c
SA0–9 Valid and IORD IOWR
50
ns
Active before IO16 Valid (Notes 1 10)
T6a
IORD IOWR Asserted to CHRDY Negated (Notes 2 5)
100
50
ns
T6b
SMRD SMWR Asserted to CHRDY Negated (Note 2)
100
ns
T7
SMRD SMWR IORD IOWR
20
20
ns
Negated before SA0–9 Invalid
T9
SMRD IORD Negated to SD0–15 Read Data Invalid
00
ns
(notes 3 14)
T10
SMRD IORD negated to SD0–15 Floating (Note 3)
45
45
ns
T11
D0–15 Write Data Valid to IOWR SMWR Negated (Note 3)
60
40
ns
T12
SMWR IOWR Negated to SD0–15 Write Data Invalid (Note 3)
20
20
ns
T13
SMRD SMWR IORD IOWR Active Width (Note 8)
300
140
ns
T14a
IORD IOWR Inactive Width
85
85
ns
T14b
SMRD SMWR Inactive Width
150
150
ns
T17
CHRDY Asserted to SD0–15 Read
60
60
ns
Data Valid (Notes 2 3 6)
T18
SMRD SMWR IORD IOWR Negated before AEN Invalid
25
25
ns
T20
SMRD IORD Asserted to SD0–15 Read Data Valid (Notes 3 and 7)
150
90
ns
T24
Read Data Valid on MSD0–7 to Valid on SD0–7
70
ns
T25
MSRD Deasserted to MSD0–7 Read Data Invalid (Note 3)
0
ns
T26
Write Data Valid on SD0–7 to Valid on MSD0–7
90
ns
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com