Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD65232 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # GD65232
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GD65232 Datasheet(HTML) 5 Page - Texas Instruments

  GD65232 Datasheet HTML 1Page - Texas Instruments GD65232 Datasheet HTML 2Page - Texas Instruments GD65232 Datasheet HTML 3Page - Texas Instruments GD65232 Datasheet HTML 4Page - Texas Instruments GD65232 Datasheet HTML 5Page - Texas Instruments GD65232 Datasheet HTML 6Page - Texas Instruments GD65232 Datasheet HTML 7Page - Texas Instruments GD65232 Datasheet HTML 8Page - Texas Instruments GD65232 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
GD65232, GD75232
MULTIPLE RS232 DRIVERS AND RECEIVERS
SLLS206J − MAY 1995 − REVISED NOVEMBER 2004
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DRIVER SECTION
electrical characteristics over recommended operating free-air temperature range, VDD = 9 V,
VSS = −9 V, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
VIL = 0.8 V,
RL = 3 kΩ,
See Figure 1
6
7.5
V
VOL
Low-level output voltage (see Note 5)
VIH = 1.9 V,
RL = 3 kΩ,
See Figure 1
−7.5
−6
V
IIH
High-level input current
VI = 5 V,
See Figure 2
10
µA
IIL
Low-level input current
VI = 0,
See Figure 2
−1.6
mA
IOS(H)
High-level short-circuit output current
(see Note 6)
VIL = 0.8 V,
VO = 0,
See Figure 1
−4.5
−12
−19.5
mA
IOS(L)
Low-level short-circuit output current
VIH = 2 V,
VO = 0,
See Figure 1
4.5
12
19.5
mA
ro
Output resistance (see Note 7)
VCC = VDD = VSS = 0,
VO = −2 V to 2 V
300
Ω
NOTES:
5. The algebraic convention, where the more positive (less negative) limit is designated as maximum, is used in this data sheet for logic
levels only (e.g., if −10 V is maximum, the typical value is a more negative voltage).
6. Output short-circuit conditions must maintain the total power dissipation below absolute maximum ratings.
7. Test conditions are those specified by TIA/EIA-232-F and as listed above.
switching characteristics, VCC = 5 V, VDD = 12 V, VSS = −12 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time,
low- to high-level output
RL = 3 kΩ to 7 kΩ,
CL = 15 pF,
See Figure 3
315
500
ns
tPHL
Propagation delay time,
high- to low-level output
RL = 3 kΩ to 7 kΩ,
CL = 15 pF,
See Figure 3
75
175
ns
tTLH
Transition time,
RL = 3 kΩ to 7 kΩ
CL = 15 pF,
See Figure 3
60
100
ns
tTLH
Transition time,
low- to high-level output
RL = 3 kΩ to 7 kΩ
CL = 2500 pF,
See Figure 3 and Note 8
1.7
2.5
µs
tTHL
Transition time,
RL = 3 kΩ to 7 kΩ
CL = 15 pF,
See Figure 3
40
75
ns
tTHL
Transition time,
high- to low-level output
RL = 3 kΩ to 7 kΩ
CL = 2500 pF,
See Figure 3 and Note 8
1.5
2.5
µs
NOTE 8: Measured between
±3-V and ±3-V points of the output waveform (TIA/EIA-232-F conditions); all unused inputs are tied either high
or low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com