Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS460 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS460
Description  4 x 6 Channels USB Type-C Alternate Mode MUX
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS460 Datasheet(HTML) 13 Page - Texas Instruments

Back Button HD3SS460 Datasheet HTML 9Page - Texas Instruments HD3SS460 Datasheet HTML 10Page - Texas Instruments HD3SS460 Datasheet HTML 11Page - Texas Instruments HD3SS460 Datasheet HTML 12Page - Texas Instruments HD3SS460 Datasheet HTML 13Page - Texas Instruments HD3SS460 Datasheet HTML 14Page - Texas Instruments HD3SS460 Datasheet HTML 15Page - Texas Instruments HD3SS460 Datasheet HTML 16Page - Texas Instruments HD3SS460 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
HD3SS460
ML0+
ML0>
ML1+
ML1>
ML2+
ML2>
ML3+
ML3>
SSTX
SSRX
RX1+
RX1>
TX1+
TX1>
TX2+
TX2>
RX2+
RX2>
No AC Coupling Caps
USB3 Host
0.1 µF
0.1 µF
Copyright © 2016, Texas Instruments Incorporated
13
HD3SS460
www.ti.com
SLLSEM7B – JANUARY 2015 – REVISED JUNE 2016
Product Folder Links: HD3SS460
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
HD3SS460 can be utilized for a wide range of muxing needs. This is general purpose passive cross-point switch.
The channels have independent adaptive common mode tracking allowing flexibility. As long as recommended
electrical use conditions are met the device can be used number of ways as described in Table 1.
NOTE
HD3SS460 does not provide common mode biasing for the channel. Therefore it is
required that the device is biased from either side for all active channels.
9.2 USB SS and DP as Alternate Mode
HD3SS460 can be used USB Type-C ecosystem with DP as alternate mode in two distinct application
configurations – one is for DP Source/USB Host, the other one for the DP Sink/USB Device/Dock. Figure 3 and
Figure 4 illustrate typical application block diagrams for these two cases. Detail schematics are illustrated in
Detailed Design Procedure section. Other applications and or use cases possible where these examples can be
used as general guidelines.
Figure 3 and Figure 4 depict the AC coupling capacitor placement examples. TI recommends placing the
capacitors as shown in the illustrations for the backward compatibility and interoperability purposes as some of
the existing USB systems may present Vcm, exceeding the typical range of 0–2 V on SS differential pairs.
Figure 3. Block Diagram for a Type C Interface Using DP as Alternate Mode – Source/Host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com