Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS460RHRT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS460RHRT
Description  4 x 6 Channels USB Type-C Alternate Mode MUX
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS460RHRT Datasheet(HTML) 2 Page - Texas Instruments

  HD3SS460RHRT Datasheet HTML 1Page - Texas Instruments HD3SS460RHRT Datasheet HTML 2Page - Texas Instruments HD3SS460RHRT Datasheet HTML 3Page - Texas Instruments HD3SS460RHRT Datasheet HTML 4Page - Texas Instruments HD3SS460RHRT Datasheet HTML 5Page - Texas Instruments HD3SS460RHRT Datasheet HTML 6Page - Texas Instruments HD3SS460RHRT Datasheet HTML 7Page - Texas Instruments HD3SS460RHRT Datasheet HTML 8Page - Texas Instruments HD3SS460RHRT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
2
HD3SS460
SLLSEM7B – JANUARY 2015 – REVISED JUNE 2016
www.ti.com
Product Folder Links: HD3SS460
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ...................................... 5
7.2
ESD Ratings ............................................................ 5
7.3
Recommended Operating Conditions ....................... 5
7.4
Thermal Information .................................................. 5
7.5
Electrical Characteristics........................................... 6
7.6
High Speed Port Performance Parameters .............. 6
7.7
High Speed Signal Path Switching Characteristics .. 7
8
Detailed Description .............................................. 9
8.1
Overview ................................................................... 9
8.2
Functional Block Diagram ......................................... 9
8.3
Feature Description................................................. 10
8.4
Device Functional Modes........................................ 10
9
Application and Implementation ........................ 13
9.1
Application Information............................................ 13
9.2
USB SS and DP as Alternate Mode ...................... 13
10
Power Supply Recommendations ..................... 22
11
Layout................................................................... 23
11.1
Layout Guidelines ................................................. 23
11.2
Layout Example .................................................... 24
12
Device and Documentation Support ................. 26
12.1
Receiving Notification of Documentation Updates 26
12.2
Community Resources.......................................... 26
12.3
Trademarks ........................................................... 26
12.4
Electrostatic Discharge Caution ............................ 26
12.5
Glossary ................................................................ 26
13
Mechanical, Packaging, and Orderable
Information ........................................................... 26
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (March 2015) to Revision B
Page
•
Changed text and Figure 3, Figure 4 in the USB SS and DP as Alternate Mode section for clarity. ................................. 13
•
Added Figure 5 ..................................................................................................................................................................... 14
•
Added Figure 6 ..................................................................................................................................................................... 15
•
Deleted Table Pin Assignments for DP Source Pins and DP Sink Pins in the Detailed Design Procedure section............ 16
•
Added Table 2, Table 3, Table 4, and Table 5 .................................................................................................................... 16
•
Added Figure 8 through Figure 13 ...................................................................................................................................... 16
•
Changed Figure 16 .............................................................................................................................................................. 20
•
Changed image for Figure 19............................................................................................................................................... 22
Changes from Original (January 2015) to Revision A
Page
•
Added full data sheet specification complement ................................................................................................................... 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com