Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS280DF810ABVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DS280DF810ABVR
Description  28 Gbps Multi-Rate 8-Channel Retimer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810ABVR Datasheet(HTML) 2 Page - Texas Instruments

  DS280DF810ABVR Datasheet HTML 1Page - Texas Instruments DS280DF810ABVR Datasheet HTML 2Page - Texas Instruments DS280DF810ABVR Datasheet HTML 3Page - Texas Instruments DS280DF810ABVR Datasheet HTML 4Page - Texas Instruments DS280DF810ABVR Datasheet HTML 5Page - Texas Instruments DS280DF810ABVR Datasheet HTML 6Page - Texas Instruments DS280DF810ABVR Datasheet HTML 7Page - Texas Instruments DS280DF810ABVR Datasheet HTML 8Page - Texas Instruments DS280DF810ABVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
DS280DF810
SNLS533 – JUNE 2016
www.ti.com
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Description (Continued)
Integrated physical AC coupling capacitors (TX and RX) eliminate the need for external capacitors on the PCB.
The DS280DF810 has a single power supply and minimal need for external components. These features reduce
PCB routing complexity and BOM cost.
The advanced equalization features of the DS280DF810 include a low-jitter 3-tap transmit finite impulse
response (FIR) filter, an adaptive continuous-time linear equalizer (CTLE), and an adaptive decision feedback
equalizer (DFE). This enables reach extension for lossy interconnect and backplanes with multiple connectors
and crosstalk. The integrated CDR function is ideal for front-port optical module applications to reset the jitter
budget and retime the high-speed serial data. The DS280DF810 implements 2x2 cross-point on each channel
pair, providing the host with both lane crossing and fanout options.
The DS280DF810 can be configured either via the SMBus or through an external EEPROM. Up to 16 devices
can share a single EEPROM. A non-disruptive on-chip eye monitor and a PRBS generator/checker allow for in-
system diagnostics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com