Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8921 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS8921
Description  Differential Line Driver and Receiver Pair
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS8921 Datasheet(HTML) 1 Page - Texas Instruments

  DS8921 Datasheet HTML 1Page - Texas Instruments DS8921 Datasheet HTML 2Page - Texas Instruments DS8921 Datasheet HTML 3Page - Texas Instruments DS8921 Datasheet HTML 4Page - Texas Instruments DS8921 Datasheet HTML 5Page - Texas Instruments DS8921 Datasheet HTML 6Page - Texas Instruments DS8921 Datasheet HTML 7Page - Texas Instruments DS8921 Datasheet HTML 8Page - Texas Instruments DS8921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
VCC
GND
0.1 µF
5.0 V
RI+
RI-
RO
DO+
DO-
DI
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DS8921, DS8921A, DS8921AT
SNLS374D – MAY 1998 – REVISED JANUARY 2015
DS8921x Differential Line Driver and Receiver Pair
1 Features
3 Description
The DS8921, DS8921A, and DS8921AT devices are
1
•
12-ns Typical Propagation Delay
differential line driver and receiver pairs designed
•
Output Skew: 0.5 ns Typical
specifically for applications meeting the ST506,
•
Meets the Requirements of EIA Standard RS-422
ST412, and ESDI disk drive standards. In addition,
these devices meet the requirements of the EIA
•
Complementary Driver Outputs
standard RS-422.
•
High Differential or Common-Mode Input Voltage
Ranges of ±7 V
The DS8921x receivers offer an input sensitivity of
200 mV over a ±7 V common mode operating range.
•
±0.2 V Receiver Sensitivity Over the Input Voltage
Hysteresis is incorporated (typically 70 mV) to
Range
improve noise margin for slowly changing input
•
Receiver Input Hysteresis: 70 mV Typical
waveforms.
•
DS8921AT Industrial Temperature Operation:
The DS8921x drivers are designed to provide
(
−40°C to +85°C)
unipolar differential drive to twisted-pair or parallel
wire transmission lines. Complementary outputs are
2 Applications
logically ANDed and provide an output skew of 0.5 ns
(typical) with propagation delays of 12 ns.
•
Differential Line Driver and Receiver for:
–
ST506 Disk Drive Standard
The DS8921x devices are designed to be compatible
with TTL and CMOS.
–
ST412 Disk Drive Standard
–
ESDI Disk Drive Standard
Device Information(1)
–
RS-422 Interface
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DS8921
SOIC (8)
4.90 mm x 3.91 mm
DS8921A
PDIP (8)
9.81 mm x 6.35 mm
DS8921AT
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
SPACE
Typical Application Block Diagram
Simplified Functional Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DS8921

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8921 NSC-DS8921 Datasheet
244Kb / 8P
Differential Line Driver and Receiver Pair
logo
Texas Instruments
DS8921 TI1-DS8921 Datasheet
1Mb / 21P
DS8921x Differential Line Driver and Receiver Pair
DS8921 TI2-DS8921 Datasheet
678Kb / 22P
DS8921x Differential Line Driver and Receiver Pair
REVISED JANUARY 2015
logo
National Semiconductor ...
DS8921A NSC-DS8921A Datasheet
244Kb / 8P
Differential Line Driver and Receiver Pair
logo
Texas Instruments
DS8921A TI1-DS8921A Datasheet
1Mb / 21P
DS8921x Differential Line Driver and Receiver Pair
More results

Similar Description - DS8921

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8921 NSC-DS8921 Datasheet
244Kb / 8P
Differential Line Driver and Receiver Pair
DS89C21 NSC-DS89C21 Datasheet
78Kb / 6P
Differential CMOS Line Driver and Receiver Pair
logo
Texas Instruments
SN75179B TI-SN75179B Datasheet
140Kb / 9P
DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC490 LINER-LTC490 Datasheet
203Kb / 8P
Differential Driver and Receiver Pair
LTC491 LINER-LTC491 Datasheet
236Kb / 12P
Differential Driver and Receiver Pair
LTC490 LINER-LTC490_04 Datasheet
165Kb / 12P
Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_10 Datasheet
870Kb / 15P
DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN65LBC180-Q1 TI1-SN65LBC180-Q1 Datasheet
276Kb / 17P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIR
DS89C21 TI1-DS89C21_14 Datasheet
759Kb / 13P
Differential CMOS Line Driver and Receiver Pair
DS8921 TI1-DS8921_V01 Datasheet
1Mb / 21P
DS8921x Differential Line Driver and Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com