Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8922AM/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # DS8922AM/NOPB
Description  TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS8922AM/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  DS8922AM/NOPB Datasheet HTML 1Page - Texas Instruments DS8922AM/NOPB Datasheet HTML 2Page - Texas Instruments DS8922AM/NOPB Datasheet HTML 3Page - Texas Instruments DS8922AM/NOPB Datasheet HTML 4Page - Texas Instruments DS8922AM/NOPB Datasheet HTML 5Page - Texas Instruments DS8922AM/NOPB Datasheet HTML 6Page - Texas Instruments DS8922AM/NOPB Datasheet HTML 7Page - Texas Instruments DS8922AM/NOPB Datasheet HTML 8Page - Texas Instruments DS8922AM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DS8922, DS8922A, DS8923A
www.ti.com
SNLS373B – JUNE 1998 – REVISED APRIL 2013
DS8922/DS8922A/DS8923A TRI-STATE RS-422 Dual Differential Line Driver and Receiver
Pairs
Check for Samples: DS8922, DS8922A, DS8923A
1
FEATURES
DESCRIPTION
2
•
12 ns Typical Propagation Delay
The DS8922/22A and DS8923A are Dual Differential
•
Output Skew—±0.5 ns Typical
Line Driver and Receiver pairs. These devices are
•
Meets the Requirements of EIA Standard RS-
designed specifically for applications meeting the
422
ST506, ST412 and ESDI Disk Drive Standards. In
addition, the devices meet the requirements of the
•
Complementary Driver Outputs
EIA Standard RS-422.
•
High Differential or Common-Mode Input
These devices offer an input sensitivity of 200 mV
Voltage Ranges of ±7V
over
a
±7V
common
mode
operating
range.
•
±0.2V Receiver Sensitivity over the Input
Hysteresis is incorporated (typically 70 mV) to
Voltage Range
improve noise margin for slowly changing input
•
Receiver Input Fail-Safe Circuitry
waveforms. An input fail-safe circuit is provided such
that if the receiver inputs are open the output
•
Receiver Input Hysteresis—70 mV typical
assumes the logical one state.
•
Glitch Free Power Up/Down
The DS8922A and DS8923A drivers are designed to
•
TRI-STATE Outputs
provide unipolar differential drive to twisted pair or
parallel
wire
transmission
lines.
Complementary
outputs are logically ANDed and provide an output
skew of 0.5 ns (typ.) with propagation delays of 12
ns.
Both
devices
feature
TRI-STATE
outputs.
The
DS8922/22A have independent control functions
common to a driver and receiver pair. The DS8923A
has separate driver and receiver control functions.
Power up/down circuitry is featured which will TRI-
STATE the outputs and prevent erroneous glitches on
the transmission lines during system power up or
power down operation.
The DS8922/22A and DS8923A are designed to be
compatible with TTL and CMOS.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS8922AM/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8922AM NSC-DS8922AM Datasheet
486Kb / 14P
TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
DS8922AM NSC-DS8922AM Datasheet
542Kb / 14P
RS-422 Dual Differential Line Driver and Receiver Pairs
More results

Similar Description - DS8922AM/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8922 NSC-DS8922 Datasheet
486Kb / 14P
TRI-STATE RS-422 Dual Differential Line Driver and Receiver Pairs
logo
Texas Instruments
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS75113 NSC-DS75113 Datasheet
201Kb / 10P
Dual TRI-STATE Differential Line Driver
logo
Texas Instruments
SN65LBC179A TI-SN65LBC179A Datasheet
195Kb / 13P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65ALS180 TI-SN65ALS180 Datasheet
362Kb / 17P
DIFFERENTIAL DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
RS-422 Dual Differential Line Driver and Receiver Pairs
logo
Texas Instruments
SN65LBC179ADG4 TI1-SN65LBC179ADG4 Datasheet
446Kb / 18P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI1-SN65LBC180A_15 Datasheet
537Kb / 21P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com