Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83902AVLC Datasheet(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902AVLC
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902AVLC Datasheet(HTML) 57 Page - National Semiconductor (TI)

Back Button DP83902AVLC Datasheet HTML 53Page - National Semiconductor (TI) DP83902AVLC Datasheet HTML 54Page - National Semiconductor (TI) DP83902AVLC Datasheet HTML 55Page - National Semiconductor (TI) DP83902AVLC Datasheet HTML 56Page - National Semiconductor (TI) DP83902AVLC Datasheet HTML 57Page - National Semiconductor (TI) DP83902AVLC Datasheet HTML 58Page - National Semiconductor (TI) DP83902AVLC Datasheet HTML 59Page - National Semiconductor (TI) DP83902AVLC Datasheet HTML 60Page - National Semiconductor (TI) DP83902AVLC Datasheet HTML 61Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 70 page
background image
150 Switching Characteristics AC Specs DP83902A Note All Timing is Preliminary (Continued)
DMA Address Generation
TLF11157 – 38
Symbol
Parameter
Min
Max
Units
bcyc
Bus Clock Cycle Time (Note 2)
50
125
ns
bch
Bus Clock High Time
20
ns
bcl
Bus Clock Low Time
20
ns
bcash
Bus Clock to Address Strobe High
34
ns
bcasl
Bus Clock to Address Strobe Low
44
ns
aswo
Address Strobe Width Out
bch
ns
bcadv
Bus Clock to Address Valid
45
ns
bcadz
Bus Clock to Address TRI-STATE (Note 3)
15
55
ns
ads
Address Setup to ADS01 Low
bch b 15
ns
adh
Address Hold from ADS01 Low
bcl b 5ns
Note 1
Cycles T1 T2 T3 and T4 are only issued for the first transfer in a burst when 32-bit mode has been selected
Note 2
The rate of bus clock must be high enough to support transfers tofrom the FIFO at a rate greater than the serial network transfers fromto the FIFO
Note 3
These limits include the RC delay inherent in our test method These signals typically turn off within 15 ns enabling other devices to drive these lines with
no contention
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com