Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5203 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS5203
Description  DUAL 10-BIT 40MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5203 Datasheet(HTML) 1 Page - Texas Instruments

  ADS5203 Datasheet HTML 1Page - Texas Instruments ADS5203 Datasheet HTML 2Page - Texas Instruments ADS5203 Datasheet HTML 3Page - Texas Instruments ADS5203 Datasheet HTML 4Page - Texas Instruments ADS5203 Datasheet HTML 5Page - Texas Instruments ADS5203 Datasheet HTML 6Page - Texas Instruments ADS5203 Datasheet HTML 7Page - Texas Instruments ADS5203 Datasheet HTML 8Page - Texas Instruments ADS5203 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ADS5203
SBAS258A – JUNE 2002 – REVISED JULY 2002
Dual 10Bit 40MSPS LowPower
ANALOGTODIGITAL CONVERTER
PRODUCTION DATA information is current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty. Production processing
does not necessarily include testing of all parameters.
FEATURES
D 3.3V Single-Supply Operation
D Dual Simultaneous Sample-and-Hold Inputs
D Differential or Single-Ended Analog Inputs
D Single or Dual Parallel Bus Output
D 60dB SNR at fIN = 10.5MHz
D 73dB SFDR at fIN = 10.5MHz
D Low Power: 240mW
D 300MHz Analog Input Bandwidth
D 3.3V TTL/CMOS-Compatible Digital I/O
D Internal or External Reference
D Adjustable Reference Input Range
D Power-Down (Standby) Mode
D TQFP-48 Package
APPLICATIONS
D Digital Communications (Baseband Sampling)
D Video Processing
D Portable Instrumentation
D Ultrasound
DESCRIPTION
The ADS5203 is a dual 10-bit, 40MSPS Analog-to-Digi-
tal Converter (ADC). It simultaneously converts each
analog input signal into a 10-bit, binary coded digital
word up to a maximum sampling rate of 40MSPS per
channel. All digital inputs and outputs are 3.3V
TTL/CMOS compatible.
An innovative dual-pipeline architecture implemented in
a CMOS process and the 3.3V supply results in very low
power dissipation. In order to provide maximum flexibil-
ity, both top and bottom voltage references can be set
from user-supplied voltages. Alternatively, if no external
references are available, the on-chip internal refer-
ences can be used. Both ADCs share a common refer-
ence to improve offset and gain matching. If external
reference voltage levels are available, the internal refer-
ences can be powered down independently from the
rest of the chip, resulting in even greater power savings.
The ADS5203 is characterized for operation from
–40
°C to +85°C and is available in a TQFP-48 package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2002, Texas Instruments Incorporated


Similar Part No. - ADS5203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5203 TI1-ADS5203 Datasheet
886Kb / 18P
Dual 10-Bit 40MPS Low-power ANALOG-TO-DIGITAL CONVERTER
ADS5203IPFB TI1-ADS5203IPFB Datasheet
886Kb / 18P
Dual 10-Bit 40MPS Low-power ANALOG-TO-DIGITAL CONVERTER
ADS5203IPFBG4 TI1-ADS5203IPFBG4 Datasheet
886Kb / 18P
Dual 10-Bit 40MPS Low-power ANALOG-TO-DIGITAL CONVERTER
ADS5203IPFBR TI1-ADS5203IPFBR Datasheet
886Kb / 18P
Dual 10-Bit 40MPS Low-power ANALOG-TO-DIGITAL CONVERTER
ADS5203IPFBRG4 TI1-ADS5203IPFBRG4 Datasheet
886Kb / 18P
Dual 10-Bit 40MPS Low-power ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5204 TI-ADS5204 Datasheet
492Kb / 18P
DUAL 10 BIT 40MSPS LOW POWER ANALOG TO DIGITAL CONVERTER WITH PGA
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS5121 TI-ADS5121 Datasheet
404Kb / 17P
8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120 TI-ADS5120 Datasheet
325Kb / 18P
8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS5231 BURR-BROWN-ADS5231 Datasheet
571Kb / 26P
Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
logo
Texas Instruments
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
Dual, 12-Bit, 40MSPS Digital-to-analog Converter
ADS5120 TI1-ADS5120_10 Datasheet
458Kb / 21P
8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI1-ADS5121_13 Datasheet
494Kb / 21P
8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5203 TI1-ADS5203_15 Datasheet
886Kb / 18P
Dual 10-Bit 40MPS Low-power ANALOG-TO-DIGITAL CONVERTER
ADS5270 TI1-ADS5270_13 Datasheet
1Mb / 31P
8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com