Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5500 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5500
Description  14BIT, 125MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5500 Datasheet(HTML) 1 Page - Texas Instruments

  ADS5500 Datasheet HTML 1Page - Texas Instruments ADS5500 Datasheet HTML 2Page - Texas Instruments ADS5500 Datasheet HTML 3Page - Texas Instruments ADS5500 Datasheet HTML 4Page - Texas Instruments ADS5500 Datasheet HTML 5Page - Texas Instruments ADS5500 Datasheet HTML 6Page - Texas Instruments ADS5500 Datasheet HTML 7Page - Texas Instruments ADS5500 Datasheet HTML 8Page - Texas Instruments ADS5500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
SBAS303C − DECEMBER 2003 − REVISED MARCH 2004
14Bit, 125MSPS
AnalogtoDigital Converter
ADS5500
FEATURES
D 14-Bit Resolution
D 125MSPS Sample Rate
D High SNR: 70.5dBFS at 100MHz fIN
D High SFDR: 82dBc at 100MHz fIN
D 2.3VPP Differential Input Voltage
D Internal Voltage Reference
D 3.3V Single-Supply Voltage
D Analog Power Dissipation: 578mW
− Total Power Dissipation: 780mW
D Serial Programming Interface
D TQFP-64 PowerPADE Package
D Recommended Amplifiers:
OPA695, OPA847, THS3201, THS3202,
THS4503, THS9001
APPLICATIONS
D Wireless Communication
− Communication Receivers
− Base Station Infrastructure
D Test and Measurement Instrumentation
D Single and Multichannel Digital Receivers
D Communication Instrumentation
− Radar, Infrared
D Video and Imaging
D Medical Equipment
DESCRIPTION
The ADS5500 is a high-performance, 14-bit, 125MSPS analog-to-digital converter (ADC). To provide a complete
converter solution, it includes a high-bandwidth linear sample-and-hold stage (S&H) and internal reference. Designed
for applications demanding the highest speed and highest dynamic performance in very little space, the ADS5500
has excellent power consumption of 780mW at 3.3V single-supply voltage. This allows an even higher system
integration density. The provided internal reference simplifies system design requirements. Parallel CMOS-
compatible output ensures seamless interfacing with common logic.
The ADS5500 is available in a 64-pin TQFP PowerPAD package and is specified over the full temperature range of
−40
°C to +85°C.
14−Bit
Pipeline
ADC Core
S&H
CLK+
CLK
−
CLKOUT
V
IN+
V
IN−
Digital
Error
Correction
Timing Circuitry
Internal
Reference
Control Logic
Serial Programming Register
Output
Control
AV
DD
D0
.
.
.
D13
CM
OVR
DFS
ADS5500
A
GND
DR
GND
SEN
SDATA
SCLK
DRV
DD
PowerPad is a trademark of Texas Instruments. All other trademarks are the property of their respective owners.
www.ti.com
Copyright
 2003−2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.


Similar Part No. - ADS5500

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5500 BURR-BROWN-ADS5500 Datasheet
401Kb / 30P
14-Bit, 80MSPS Analog-to-Digital Converter
ADS5500 BURR-BROWN-ADS5500 Datasheet
274Kb / 20P
12-Bit, 105MSPS Analog-toDigital Converter
ADS5500 BURR-BROWN-ADS5500 Datasheet
861Kb / 29P
11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5500 BURR-BROWN-ADS5500 Datasheet
995Kb / 30P
11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5500 TI1-ADS5500 Datasheet
1Mb / 32P
12-Bit, 80 MSPS Analog-To-Digital Converter
More results

Similar Description - ADS5500

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC2900 BURR-BROWN-DAC2900 Datasheet
416Kb / 17P
Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADS7891 BURR-BROWN-ADS7891 Datasheet
329Kb / 26P
14BIT 3 MSPS LOW POWER SAR ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
DAC5674 TI-DAC5674 Datasheet
506Kb / 32P
14BIT 400 MSPS, 2 X/ 4X INTERPOLATING COMMS DAC DIGITAL TO ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC2904 BURR-BROWN-DAC2904 Datasheet
457Kb / 19P
Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 BURR-BROWN-DAC2902 Datasheet
389Kb / 17P
Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2900 TI1-DAC2900 Datasheet
746Kb / 21P
Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 TI1-DAC2902 Datasheet
766Kb / 22P
Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2904 TI1-DAC2904 Datasheet
835Kb / 26P
Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900 TI-DAC2900_15 Datasheet
962Kb / 22P
Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com