Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CER0809B Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0809B
Description  Surface mount, silver (Ag) coated barium ceramic filter.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0809B Datasheet(HTML) 2 Page - CTS Corporation

  CER0809B Datasheet HTML 1Page - CTS Corporation CER0809B Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0809B
2595 MHz BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
- CTS Electronic Components - www.ctscorp.com – 4800 Alameda Blvd. NE, Albuquerque, NM 87113 -
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
Customer Feed Direction
DIMENISION
UNITS
SPECIFICATION
REEL DIAMETER
mm
330
REELWEIGHT
kg
1.5
REEL QUANTITY
ea.
1000
Wo
Ao
Bo
Ko
Po
Inches/mm
Inches/mm
Inches/mm
Inches/mm
Inches/mm
0.630"/16
0.215"/5.46
0.360"/9.14
0.120"/3.04
0.472"/12.0
Dim Nominal (mm)
Tolerance (mm)
+/- or max
A
8.97
Max
B
4.40
Max
C
0.89
0.13
D
0.40
0.13
E
0.40
0.13
F
2.70
0.13
G
2.70
0.13
H
2.90
Max
I
0.89
0.13
Revision B – Origin Date: November 17, 2010– Revision Date: July 11, 2011
-60
-50
-40
-30
-20
-10
0
2200
2400
2600
2800
3000
Product Marking
CTS
09B
YWW



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com