Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7890 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7890
Description  14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7890 Datasheet(HTML) 1 Page - Texas Instruments

  ADS7890 Datasheet HTML 1Page - Texas Instruments ADS7890 Datasheet HTML 2Page - Texas Instruments ADS7890 Datasheet HTML 3Page - Texas Instruments ADS7890 Datasheet HTML 4Page - Texas Instruments ADS7890 Datasheet HTML 5Page - Texas Instruments ADS7890 Datasheet HTML 6Page - Texas Instruments ADS7890 Datasheet HTML 7Page - Texas Instruments ADS7890 Datasheet HTML 8Page - Texas Instruments ADS7890 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
ADS7890
SLAS409 − DECEMBER 2003
14BIT, 1.25MSPS
LOW POWER SAR ANALOGTODIGITAL CONVERTER
FEATURES
D 1.25 MHz Sample Rate, 14-Bit Resolution
D Zero Latency
D Unipolar, Pseudo Differential Input, Range:
− 0 V to 2.5 V
D SPIE Compatible Serial Interface
D 77.5 dB SNR and −95 dB THD at 0.5 MHz I/P
D Power Dissipation 45 mW at 1.25 MSPS
D Nap Mode (10 mW Power Dissipation)
D Power Down (10 mW)
D Internal Reference
D Internal Reference Buffer
D 48-Pin TQFP Package
APPLICATIONS
D Optical Networking (DWDM, MEMS Based
Switching)
D Spectrum Analyzers
D High Speed Data Acquisition Systems
D High Speed Close-Loop Systems
D Telecommunication
DESCRIPTION
The ADS7890 is a 14-bit 1.25-MSPS A-to-D converter with 2.5-V internal reference. The device includes a
capacitor based SAR A/D converter with inherent sample and hold. The device offers a 14-bit serial SPI or DSP
compatible interface. The device has a pseudo-differential input stage.
The −IN swing of
±200 mV is useful to compensate for ground voltage mismatch between the ADC and sensor
and also to cancel common-mode noise. The device operates at lower power when used at lower conversion
rates because of the nap feature. The device is available in a 48-pin TQFP package.
_
+
SAR
Output
Latches
and
3-State
Drivers
SDO
Conversion
and
Control Logic
SCLK
BUSY
CS
FS
PWD/RST
CDAC
Comparator
CLOCK
2.5 V
Internal
Reference
+IN
−IN
REFIN
REFOUT
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2003, Texas Instruments Incorporated
SPI is a trademark of Motorola, Inc.


Similar Part No. - ADS7890

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7890 BURR-BROWN-ADS7890 Datasheet
1Mb / 30P
16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS7890 TI-ADS7890 Datasheet
959Kb / 29P
16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER
ADS7890 TI2-ADS7890 Datasheet
586Kb / 28P
14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
DECEMBER 2003
ADS7890IPFBR TI2-ADS7890IPFBR Datasheet
586Kb / 28P
14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
DECEMBER 2003
ADS7890IPFBT TI1-ADS7890IPFBT Datasheet
1,016Kb / 29P
14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7890

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI-ADS7891 Datasheet
993Kb / 31P
14-BIT,3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7881 BURR-BROWN-ADS7881_13 Datasheet
831Kb / 31P
12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI1-ADS7890_15 Datasheet
1,016Kb / 29P
14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI1-ADS7891_15 Datasheet
994Kb / 31P
14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com