Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8390DV Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8390DV
Description  NIC Network Interface Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8390DV Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button DP8390DV Datasheet HTML 46Page - National Semiconductor (TI) DP8390DV Datasheet HTML 47Page - National Semiconductor (TI) DP8390DV Datasheet HTML 48Page - National Semiconductor (TI) DP8390DV Datasheet HTML 49Page - National Semiconductor (TI) DP8390DV Datasheet HTML 50Page - National Semiconductor (TI) DP8390DV Datasheet HTML 51Page - National Semiconductor (TI) DP8390DV Datasheet HTML 52Page - National Semiconductor (TI) DP8390DV Datasheet HTML 53Page - National Semiconductor (TI) DP8390DV Datasheet HTML 54Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
150 Switching Characteristics (Continued)
Remote DMA (Write Cycle)
TLF8582 – 86
Symbol
Parameter
Min
Max
Units
bprqh
Bus Clock to Port Request High
42
ns
(Note 1)
wprql
WACK to Port Request Low
45
ns
wackw
WACK Pulse Width
20
ns
bprdl
Bus Clock to Port Read Low
40
ns
(Note 2)
bprdh
Bus Clock to Port Read High
40
ns
Note 1
The first port request is issued in response to the remote write command It is subsequently issued on T1 clock cycles following completion of remote DMA
cycles
Note 2
The start of the remote DMA write following WACK is dependent on where WACK is issued relative to BUSCK and whether a local DMA is pending
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com