Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS99R101 Datasheet(PDF) 21 Page - Texas Instruments

Part # DS99R101
Description  DS99R101/DS99R102 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS99R101 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DS99R101_13 Datasheet HTML 17Page - Texas Instruments DS99R101_13 Datasheet HTML 18Page - Texas Instruments DS99R101_13 Datasheet HTML 19Page - Texas Instruments DS99R101_13 Datasheet HTML 20Page - Texas Instruments DS99R101_13 Datasheet HTML 21Page - Texas Instruments DS99R101_13 Datasheet HTML 22Page - Texas Instruments DS99R101_13 Datasheet HTML 23Page - Texas Instruments DS99R101_13 Datasheet HTML 24Page - Texas Instruments DS99R101_13 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
DIN0
DIN1
DIN2
DIN3
DIN4
DIN5
DIN6
DIN7
DIN8
DIN9
DIN10
DIN11
DIN12
DIN13
DIN14
DIN15
DIN16
DIN17
DIN18
DIN19
DIN20
DIN21
DIN22
DIN23
TCLK
TPWDNB
DEN
TRFB
VODSEL
DCBOFF
NC
RESRVD
DOUT+
DOUT-
VDDT
VSSDR
VDDL
VSSPT0
VSSPT1
VSST
VSSL
VSSIT
VDDPT1
VDDPT0
VDDIT
VDDDR
Notes:
TPWDNB = System GPO
DEN = High (ON)
TRFB = High (Rising edge)
VODSEL = Low (400mV)
NC = No Connect
RESRVD = Low
DCAOFF = Low
DCBOFF = Low
GPO if used, or tie High (ON)
3.3V
DS99R101 (SER)
C1
C4
C2
C5
C3
C6
C7
C8
R1
C1 to C3 = 0.01 PF
C4 to C6 = 0.1 PF
C7, C8 = 100 nF; 50WVDC, NPO or X7R
R1 = 100:
LVCMOS
Parallel
Interface
Serial
LVDS
Interface
DCAOFF
VSS
Open
3.3V
DS99R101, DS99R102
www.ti.com
SNLS240D – MARCH 2007 – REVISED APRIL 2013
Figure 20. DS99R101 Typical Application Connection
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: DS99R101 DS99R102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com