Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS99R102VS/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # DS99R102VS/NOPB
Description  DS99R101/DS99R102 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS99R102VS/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button DS99R102VS/NOPB Datasheet HTML 16Page - Texas Instruments DS99R102VS/NOPB Datasheet HTML 17Page - Texas Instruments DS99R102VS/NOPB Datasheet HTML 18Page - Texas Instruments DS99R102VS/NOPB Datasheet HTML 19Page - Texas Instruments DS99R102VS/NOPB Datasheet HTML 20Page - Texas Instruments DS99R102VS/NOPB Datasheet HTML 21Page - Texas Instruments DS99R102VS/NOPB Datasheet HTML 22Page - Texas Instruments DS99R102VS/NOPB Datasheet HTML 23Page - Texas Instruments DS99R102VS/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
100:
100 nF
100 nF
100:
100 nF
100 nF
DOUT-
DOUT+
RIN-
RIN+
DS99R101, DS99R102
SNLS240D – MARCH 2007 – REVISED APRIL 2013
www.ti.com
A small body size X7R chip capacitor, such as 0603, is recommended for external bypass. Its small body size
reduces the parasitic inductance of the capacitor. The user must pay attention to the resonance frequency of
these external bypass capacitors, usually in the range of 20-30 MHz range. To provide effective bypassing,
multiple capacitors are often used to achieve low impedance between the supply rails over the frequency of
interest. At high frequency, it is also a common practice to use two vias from power and ground pins to the
planes, reducing the impedance at high frequency.
Some devices provide separate power and ground pins for different portions of the circuit. This is done to isolate
switching noise effects between different sections of the circuit. Separate planes on the PCB are typically not
required. Pin Description tables typically provide guidance on which circuit blocks are connected to which power
pin pairs. In some cases, an external filter many be used to provide clean power to sensitive circuits such as
PLLs.
Use at least a four layer board with a power and ground plane. Locate LVCMOS (LVTTL) signals away from the
LVDS lines to prevent coupling from the LVCMOS lines to the LVDS lines. Closely-coupled differential lines of
100 Ohms are typically recommended for LVDS interconnect. The closely coupled lines help to ensure that
coupled noise will appear as common-mode and thus is rejected by the receivers. The tightly coupled lines will
also radiate less.
Termination of the LVDS interconnect is required. For point-to-point applications, termination should be located at
both ends of the devices. Nominal value is 100 Ohms to match the line’s differential impedance. Place the
resistor as close to the transmitter DOUT± outputs and receiver RIN± inputs as possible to minimize the resulting
stub between the termination resistor and device.
LVDS INTERCONNECT GUIDELINES
See AN-1108 (SNLA008) and AN-905 (SNLA035) for full details.
•
Use 100
Ω coupled differential pairs
•
Use the S/2S/3S rule in spacings
–
S = space between the pair
–
2S = space between pairs
–
3S = space to LVCMOS/LVTTL signal
•
Minimize the number of VIA
•
Use differential connectors when operating above 500Mbps line speed
•
Maintain balance of the traces
•
Minimize skew within the pair
•
Terminate as close to the TX outputs and RX inputs as possible
Additional general guidance can be found in the LVDS Owner’s Manual - available in PDF format from the TI
web site at: http://www.ti.com/ww/en/analog/interface/lvds.shtml
Figure 19. AC Coupled Application
20
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: DS99R101 DS99R102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com