Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355DZCEA21 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355DZCEA21
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355DZCEA21 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMS320DM355DZCEA21 Datasheet HTML 24Page - Texas Instruments TMS320DM355DZCEA21 Datasheet HTML 25Page - Texas Instruments TMS320DM355DZCEA21 Datasheet HTML 26Page - Texas Instruments TMS320DM355DZCEA21 Datasheet HTML 27Page - Texas Instruments TMS320DM355DZCEA21 Datasheet HTML 28Page - Texas Instruments TMS320DM355DZCEA21 Datasheet HTML 29Page - Texas Instruments TMS320DM355DZCEA21 Datasheet HTML 30Page - Texas Instruments TMS320DM355DZCEA21 Datasheet HTML 31Page - Texas Instruments TMS320DM355DZCEA21 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 163 page
background image
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
Table 2-11. GPIO Terminal Functions (continued)
TERMINAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
COUT6-
G3 /
Digital Video Out: VENC settings determine function GIO: GIO[080]
D2
I/O/Z
VDD_VOUT
GIO080 /
PWM1
PWM1
COUT7-
G4 /
Digital Video Out: VENC settings determine function GIO: GIO[081]
C2
I/O/Z
VDD_VOUT
GIO081 /
PWM0
PWM0
PCLK /
PD
T3
I/O/Z
Pixel clock input (strobe for lines CI7 through YI0) GIO: GIO[082]
GIO082
VDD_VIN
Write enable input signal is used by external device (AFE/TG) to gate the DDR
CAM_WE
output of the CCDC module. Alternately, the field identification input signal is
PD
N_FIELD /
R5
I/O/Z
used by external device (AFE/TG) to indicate the which of two frames is input to
VDD_VIN
GIO083
the CCDC module for sensors with interlaced output. CCDC handles 1- or 2-field
sensors in hardware. GIO: GIO[083]
Vertical synchronization signal that can be either an input (slave mode) or an
CAM_VD /
PD
R4
I/O/Z
output (master mode). Tells the CCDC when a new frame starts.
GIO084
VDD_VIN
GIO: GIO[084]
Horizontal synchronization signal that can be either an input (slave mode) or an
CAM_HD /
PD
N5
I/O/Z
output (master mode). Tells the CCDC when a new line starts.
GIO085
VDD_VIN
GIO: GIO[085]
Standard CCD/CMOS input: raw[00] YCC 16-bit: time multiplexed between luma:
YIN0 /
PD
Y[00] YCC 08-bit (which allows for 2 simultaneous decoder inputs), it is time
P5
I/O/Z
GIO086
VDD_VIN
multiplexed between luma and chroma of the lower channel. Y/CB/CR[00]
GIO: GIO[086]
Standard CCD/CMOS input: raw[01] YCC 16-bit: time multiplexed between luma:
YIN1 /
PD
Y[01] YCC 08-bit (which allows for 2 simultaneous decoder inputs), it is time
P2
I/O/Z
GIO087
VDD_VIN
multiplexed between luma and chroma of the lower channel. Y/CB/CR[01]
GIO: GIO[087]
Standard CCD/CMOS input: raw[02] YCC 16-bit: time multiplexed between luma:
YIN2 /
PD
Y[02] YCC 08-bit (which allows for 2 simultaneous decoder inputs), it is time
P4
I/O/Z
GIO088
VDD_VIN
multiplexed between luma and chroma of the lower channel. Y/CB/CR[02]
GIO: GIO[088]
Standard CCD/CMOS input: raw[03] YCC 16-bit: time multiplexed between luma:
YIN3 /
PD
Y[03] YCC 08-bit (which allows for 2 simultaneous decoder inputs), it is time
R3
I/O/Z
GIO089
VDD_VIN
multiplexed between luma and chroma of the lower channel. Y/CB/CR[03]
GIO: GIO[089]
Standard CCD/CMOS input: raw[04] YCC 16-bit: time multiplexed between luma:
YIN4 /
PD
Y[04] YCC 08-bit (which allows for 2 simultaneous decoder inputs), it is time
P3
I/O/Z
GIO090
VDD_VIN
multiplexed between luma and chroma of the lower channel. Y/CB/CR[04]
GIO: GIO[090]
Standard CCD/CMOS input: raw[05] YCC 16-bit: time multiplexed between luma:
YIN5 /
PD
Y[05] YCC 08-bit (which allows for 2 simultaneous decoder inputs), it is time
M5
I/O/Z
GIO091
VDD_VIN
multiplexed between luma and chroma of the lower channel. Y/CB/CR[05]
GIO: GIO[091]
Standard CCD/CMOS input: raw[06] YCC 16-bit: time multiplexed between luma:
YIN6 /
PD
Y[06] YCC 08-bit (which allows for 2 simultaneous decoder inputs), it is time
M4
I/O/Z
GIO092
VDD_VIN
multiplexed between luma and chroma of the lower channel. Y/CB/CR[06]
GIO: GIO[092]
Standard CCD/CMOS input: raw[07] YCC 16-bit: time multiplexed between luma:
YIN7 /
PD
Y[07] YCC 08-bit (which allows for 2 simultaneous decoder inputs), it is time
L5
I/O/Z
GIO093
VDD_VIN
multiplexed between luma and chroma of the lower channel. Y/CB/CR[07]
GIO: GIO[093]
Standard CCD/CMOS input: raw[08] YCC 16-bit: time multiplexed between
chroma: CB/CR[00] YCC 08-bit (which allows for 2 simultaneous decoder
CIN0 /
PD
J3
I/O/Z
inputs), it is time multiplexed between luma and chroma of the upper channel.
GIO094
VDD_VIN
Y/CB/CR[00]
GIO: GIO[094]
28
Device Overview
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com