Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMGA-461/883 Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # FMGA-461/883
Description  FMSA/FMGA EMI Input Filters 28 Volt Input - 0.8 AMP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMGA-461/883 Datasheet(HTML) 5 Page - Interpoint Corporation Company

  FMGA-461/883 Datasheet HTML 1Page - Interpoint Corporation Company FMGA-461/883 Datasheet HTML 2Page - Interpoint Corporation Company FMGA-461/883 Datasheet HTML 3Page - Interpoint Corporation Company FMGA-461/883 Datasheet HTML 4Page - Interpoint Corporation Company FMGA-461/883 Datasheet HTML 5Page - Interpoint Corporation Company FMGA-461/883 Datasheet HTML 6Page - Interpoint Corporation Company FMGA-461/883 Datasheet HTML 7Page - Interpoint Corporation Company FMGA-461/883 Datasheet HTML 8Page - Interpoint Corporation Company FMGA-461/883 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Squared corner and
dot on top of cover
indicate pin one.
1
3
8
4
7
2
6 5
BOTTOM
VIEW
FMSA
For dimensions, see case A1,
Figure 15 on page 11.
Figure 5: Fmsa pin Out
To meet specified performance, all pins must
be connected except “No Connection” pins.
TOP VIEW
FMGA
Differently colored glass bead around pin one or dimple in
header (bottom or side of case) indicates pin one.
Cover marking is oriented with pin one at the upper right corner.
1
2
3
4
5
6
8
9
7
18
17
16
15
14
13
12
11
10
For dimensions and the gull-wing lead option, see
case B Figure 16 on page 12. For solder pad
layout, see case B, Figure 17 on page 12
Figure 6: Fmga pin Out
piN Out FMSA
pin
Designation
1
Positive Input
2, 3
Positive Output
4
Case Ground
5, 6
Output Common
7
Input Common
8
Case Ground
piN Out FMGA
pin
Designation
1, 2
Positive Input
3, 4
No connection
5, 6
Case Ground
7, 8, 9
Positive Output
10, 11, 12 Output common
13, 14
Case Ground
15, 16
No connection
17, 18
Input Common
piNS NOt iN uSe FMSA
Case Ground
(4)
Connect pin to case for
optimum filtering.
piNS NOt iN uSe FMGA
Case Ground
(5, 6, 13, 14)
Connect pins to case for
optimum filtering.
No connection
(3, 4, 15, 16)
Connect pins to case for
optimum filtering.
table 1: Fmsa pin Out
table 2: Fmsa pins nOt in use
table 3: Fmga pin Out
table 4: Fmga pins nOt in use
Crane Aerospace & Electronics Power Solutions
FMSA/FMGA eMi input Filters
28 VOlt iNput - 0.8 AMp
www.craneae.com/interpointcom
Page 5 of 14
FMSA/FMGA Rev AA - 2015.12.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com