Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH2805S/883 Datasheet(PDF) 10 Page - Interpoint Corporation Company

Part # MCH2805S/883
Description  MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MCH2805S/883 Datasheet(HTML) 10 Page - Interpoint Corporation Company

Back Button MCH2805S/883 Datasheet HTML 5Page - Interpoint Corporation Company MCH2805S/883 Datasheet HTML 6Page - Interpoint Corporation Company MCH2805S/883 Datasheet HTML 7Page - Interpoint Corporation Company MCH2805S/883 Datasheet HTML 8Page - Interpoint Corporation Company MCH2805S/883 Datasheet HTML 9Page - Interpoint Corporation Company MCH2805S/883 Datasheet HTML 10Page - Interpoint Corporation Company MCH2805S/883 Datasheet HTML 11Page - Interpoint Corporation Company MCH2805S/883 Datasheet HTML 12Page - Interpoint Corporation Company MCH2805S/883 Datasheet HTML 13Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
0.000
1
4
7
5
2
3
6
BOTTOM VIEW CASE A2
Projection Weld
Squared corner and dot on
top of case indicate pin one.
0.018 ± 0.002 dia.
(0.46 ± 0.05)
Weight 12 grams typical
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Solder pins individually with heat application not exceeding
300°C for 10 seconds per pin.
Materials
Header
Kovar/Nickel/Gold
Cover
Kovar/Nickel
Pins
Kovar/Nickel/Gold matched glass seal
Gold plating of 50 - 225 microinches
included in pin diameter
Seal hole: 0.056 ±0.002 (1.42 ±0.05)
Case A2, Rev G, 2013.04.15
Please refer to the numerical dimensions for accuracy.
0.805 max. (20.45)
0.697 (17.70)
0.097 (2.46)
Figure 21: MCh Case DiMensions
Down-LeaDeD Case
Crane Aerospace & Electronics Power Solutions
MCH/MGH Single and Dual DC-DC Converter Cases
28 Volt input – 1.5 Watt
www.interpoint.com
Page10of13
MCH_MGHRevAB-2013.05.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com