Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

mCH2805D/883 Datasheet(PDF) 8 Page - Interpoint Corporation Company

Part # mCH2805D/883
Description  MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

mCH2805D/883 Datasheet(HTML) 8 Page - Interpoint Corporation Company

Back Button mCH2805D/883 Datasheet HTML 4Page - Interpoint Corporation Company mCH2805D/883 Datasheet HTML 5Page - Interpoint Corporation Company mCH2805D/883 Datasheet HTML 6Page - Interpoint Corporation Company mCH2805D/883 Datasheet HTML 7Page - Interpoint Corporation Company mCH2805D/883 Datasheet HTML 8Page - Interpoint Corporation Company mCH2805D/883 Datasheet HTML 9Page - Interpoint Corporation Company mCH2805D/883 Datasheet HTML 10Page - Interpoint Corporation Company mCH2805D/883 Datasheet HTML 11Page - Interpoint Corporation Company mCH2805D/883 Datasheet HTML 12Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
VIN
VOUT
TURN-ON INTO FULL LOAD
0
2
4
6
8
10 12 14 16 18
TIME (ms)
MCH/MGH2805S
Representative of all 5 volt models
Figure 6
VIN
LINE TRANSIENT RESPONSE
200µs / div.
+VOUT
MCH/MGH2815D
–VOUT
12 VDC
50 VDC
Figure 7
LOAD TRANSIENT RESPONSE
500µs / div.
MCH/MGH2815D
+VOUT FULL LOAD TO HALF LOAD
+VOUT HALF LOAD TO FULL LOAD
–VOUT FULL LOAD TO HALF LOAD
–VOUT HALF LOAD TO FULL LOAD
Figure 8
Figure 10
EFFICIENCY vs LOAD
1.75
30
80
40
50
60
70
0
0.25 0.5 0.75 1
1.25 1.5
OUTPUT POWER 12 & 15 VOLT SINGLE MODELS
12 VOLT
28 VOLT
50 VOLT
90
Figure 11
EFFICIENCY vs LOAD
1.75
30
80
40
50
60
70
0
0.25 0.5 0.75 1
1.25 1.5
OUTPUT POWER 12 & 15 VOLT DUAL MODELS
12 VOLT
28 VOLT
50 VOLT
90
Figure 9
EFFICIENCY vs LOAD
1.75
90
30
80
40
50
60
70
0
0.25 0.5 0.75 1
1.25 1.5
OUTPUT POWER
ALL 5 VOLT MODELS
12 VOLT
28 VOLT
50 VOLT
Figure 12
1
0
20
40
60
80
100
AUDIO REJECTION
10
60
FREQUENCY (kHz)
MCH/MGH2815S - Representative of all models
Figure 13
VIN
LINE TRANSIENT RESPONSE
200µs / div.
VOUT
MCH/MGH2805S
12 VDC
50 VDC
Figure 14
LOAD TRANSIENT RESPONSE
500µs / div.
MCH/MGH2805S
FULL LOAD TO HALF LOAD
HALF LOAD TO FULL LOAD
TypicalPerformanceCurves:25°CTc,28VDCVin,100%load,unlessotherwisespecified.
MCh anD Mgh singLe anD DuaL outPut MoDeLs
Crane Aerospace & Electronics Power Solutions
MCH/MGH Single and Dual DC-DC Converters
Page8of13
28 Volt input – 1.5 Watt
www.interpoint.com
MCH_MGHRevAB-2013.05.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com