Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH2812D/883 Datasheet(PDF) 7 Page - Interpoint Corporation Company

Part # MCH2812D/883
Description  MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MCH2812D/883 Datasheet(HTML) 7 Page - Interpoint Corporation Company

Back Button MCH2812D/883 Datasheet HTML 3Page - Interpoint Corporation Company MCH2812D/883 Datasheet HTML 4Page - Interpoint Corporation Company MCH2812D/883 Datasheet HTML 5Page - Interpoint Corporation Company MCH2812D/883 Datasheet HTML 6Page - Interpoint Corporation Company MCH2812D/883 Datasheet HTML 7Page - Interpoint Corporation Company MCH2812D/883 Datasheet HTML 8Page - Interpoint Corporation Company MCH2812D/883 Datasheet HTML 9Page - Interpoint Corporation Company MCH2812D/883 Datasheet HTML 10Page - Interpoint Corporation Company MCH2812D/883 Datasheet HTML 11Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Notes:
1.Guaranteedbyqualificationtestand/oranalysis.Notanin-linetest.
2.Specifiedat50%totalPOUTwithbalancedloads.
3.Upto80%ofthetotaloutputcurrent/powerisavailablefromeitheroutput
providingtheoppositeoutputcarriesaminimumof20%totalload.
4.Althoughnominimumloadisrequired,atnoloadtheoutputvoltagemay
increaseupto15%.
5.Crossregulationisspecifiedastheeffecton–Voutforthefollowingpercentages
oftotaloutputpower:+Po=20%and–Po=80%to+Po=80%and–Po=20%
6.Anexternal2µHinductor,addedinseriestotheinput,isnecessarytomaintain
specifications.
7.Maximumdurationofshortcircuit:25°C–90seconds,125°C–30seconds.
8.Loadfaultisashortcircuit(<50mohms).Recoveryisintoresistivefullload.
9.Transition≥10µs.Recovery=timetosettletowithin1%ofVoutfinalvalue.
MCH2805D
MCH2812D
MCH2815D
MCH/MGHDUALOUTPUTMODELS
MGH2805D
MGH2812D
MGH2815D
UNITS
PARAMETER
CONDITIONS
MIN
TYP
MAx
MIN
TYP
MAx
MIN
TYP
MAx
OUTPUTVOLTAGE2
±VOUT
4.80
5.00
5.20
11.52 12.00 12.48 14.40 15.00 15.60
VDC
OUTPUTCURRENT3
EACHOUTPUT
0
±150
240
0
±62.5
100
0
±50
80
mA
VIN=12to50VDC
TOTALOUTPUT
—
—
300
—
—
125
—
—
100
OUTPUTPOWER3
EACHOUTPUT
0
±0.75
1.2
0
±0.75
1.2
0
±0.75
1.2
W
VIN=12to50VDC
TOTALOUTPUT
—
—
1.5
—
—
1.5
—
—
1.5
OUTPUTRIPPLE
TC=25°C
—
35
150
—
35
150
—
30
150
mVp-p
10KHZ-2MHZ±VOUT
TC=-55°CTO+125°C
—
50
250
—
40
250
—
35
250
LINEREGULATION±VOUT VIN=12TO50V
—
20
100
—
110
400
—
180
650
mV
LOADREGULATION4±VOUT 10%LOADTOFULL
—
350
700
—
570
1200
—
630
1400
mV
CROSSREGULATION5
-VOUT
—
—
400
—
—
500
—
—
500
mV
INPUTVOLTAGE
NOLOADTOFULL
CONTINUOUS
12
28
50
12
28
50
12
28
50
VDC
TRANSIENT1120msec.
—
—
80
—
—
80
—
—
70
V
INPUTCURRENT
NOLOAD
—
6.0
12
—
8.0
14
—
8.0
14
mA
INHIBITED
—
2.4
3.5
—
2.4
3.5
—
2.4
3.5
INPUTRIPPLECURRENT6
10kHz-10MHz
—
130
250
—
150
250
—
150
250
mAp-p
EFFICIENCY
TC=25°C
73
77
—
73
77
—
72
76
—
%
TC=-55°CTO+125°C
70
75
—
70
75
—
69
74
—
LOADFAULT7,8
POWERDISSIPATION
—
1.6
2.5
—
2.7
4.2
—
3.0
4.5
W
SHORTCIRCUIT
RECOVERY1
—
3.8
20
—
3.2
20
—
4.0
20
ms
STEPLOADRESPONSE9
TRANSIENT
—
±140
±400
—
±260
±700
—
±270
±700
mVpk
50%-100%-50%
RECOVERY
—
100
500
—
165
800
—
50
300
µs
STEPLINERESPONSE1,9
TRANSIENT
—
±130
±300
—
±250
±600
—
±230
±600
mVpk
12-50-12VDC
RECOVERY
—
0.6
3.0
—
0.9
4.0
—
0.7
4.0
ms
START-UP
DELAY
—
10
45
—
10
45
—
10
45
ms
0TO28VIN,FULLLOAD
OVERSHOOT1
—
0
150
—
0
350
—
0
900
mVpk
CAPACITIVELOAD1
TC=25°C
NOEFFECTONDC
PERFORMANCE
—
—
100
—
—
100
—
—
100
µF
tabLe 10: eLeCtriCaL CharaCteristiCs: -55°C to +125°C tC, 28 vDC vin, 100% LoaD, Free run, unLess otherwise sPeCiFieD.
Crane Aerospace & Electronics Power Solutions
MCH/MGH Single and Dual DC-DC Converters
Page7of13
28 Volt input – 1.5 Watt
www.interpoint.com
MCH_MGHRevAB-2013.05.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com