Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFK2812S/883 Datasheet(PDF) 10 Page - Interpoint Corporation Company

Part # MFK2812S/883
Description  MFK S ingle and D ual D C-DC Converters 16 to 50 vol ts i npu t ??25 Watt
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFK2812S/883 Datasheet(HTML) 10 Page - Interpoint Corporation Company

Back Button MFK2812S/883 Datasheet HTML 6Page - Interpoint Corporation Company MFK2812S/883 Datasheet HTML 7Page - Interpoint Corporation Company MFK2812S/883 Datasheet HTML 8Page - Interpoint Corporation Company MFK2812S/883 Datasheet HTML 9Page - Interpoint Corporation Company MFK2812S/883 Datasheet HTML 10Page - Interpoint Corporation Company MFK2812S/883 Datasheet HTML 11Page - Interpoint Corporation Company MFK2812S/883 Datasheet HTML 12Page - Interpoint Corporation Company MFK2812S/883 Datasheet HTML 13Page - Interpoint Corporation Company MFK2812S/883 Datasheet HTML 14Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
DUAL OUTPUT MODELS
MFK2812D
MFK2815D
UNITS
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
OUTPUT VOLTAGE
+ VOUT
11.76 12.00 12.24 14.70
15.00
15.30
V
- VOUT
11.70 12.00 12.30 14.63
15.00
15.38
OUTPUT CURRENT 2, 3
EITHER OUTPUT
—
±1.04
1.45
—
±0.833
1.16
A
VIN = 16 TO 50 V
TOTAL OUTPUT
—
—
2.08
—
—
1.66
OUTPUT POWER 2, 3
EITHER OUTPUT
—
±12.5
22.5
—
±12.5
22.5
W
VIN = 16 TO 50 V
TOTAL OUTPUT
—
—
25
—
—
25
OUTPUT RIPPLE
TC = 25°C
—
—
90
—
—
90
mV p-p
±VOUT, 10 kHz - 20 MHz
TC = -55°C TO +125°C
—
—
90
—
—
90
LINE REGULATION
+ VOUT
—
5
20
—
5
20
mV
VIN = 16 TO 50 V
- VOUT
—
20
150
—
20
150
LOAD REGULATION
+ VOUT
—
5
20
—
5
20
mV
NL TO FULL, BALANCED
- VOUT
—
60
250
—
100
250
CROSS REGULATION 4
TC = 25°C
—
—
700
—
—
800
mV
INPUT VOLTAGE
CONTINUOUS
16
28
50
16
28
50
V
TRANSIENT 1 sec.1
—
—
65
—
—
65
V
INPUT CURRENT
NO LOAD
—
30
50
—
30
50
mA
INHIBITED
—
2.5
4
—
2.5
4
INPUT RIPPLE CURRENT
10 kHz - 20 MHz
—
50
100
—
40
100
mA p-p
EFFICIENCY
TC = 25°C
82
85
—
83
86
—
%
TC = -55°C TO +125°C
80
—
—
81
—
—
LOAD FAULT 5, 6
POWER DISSIPATION
—
5
8
—
5
8
W
SHORT CIRCUIT
RECOVERY 1
—
15
20
—
15
20
ms
STEP LOAD RESPONSE 7, 8, 9
TRANSIENT ±VOUT
—
350
600
—
400
650
mV pk
50%-100%-50%, BALANCED LOADS RECOVERY
—
250
550
—
250
550
µs
STEP LINE RESPONSE 1, 7, 10
TRANSIENT
—
—
1300
—
—
1500
mV pk
±VOUT , VIN = 16 - 50 - 16 V
RECOVERY
—
0.5
1
—
0.5
1
ms
START-UP 11
DELAY
—
—
20
—
—
20
ms
OVERSHOOT 1
—
0
120
—
0
150
mV pk
CAPACITIVE LOAD 1, 12
NO EFFECT ON DC
—
—
1000
—
—
1000
µF
TC = 25°C
PERFORMANCE
tAbLe 10: eLeCtriCAL CHArACteristiCs -55°C to +125°C CAse, 28 vin, 100% LoAD, Free run, unLess otHerwise sPeCiFieD.
Notes
1. Guaranteed by characterization test and/or analysis. Not a production test.
2. Up to 70% of the total output power is available from either output providing
the opposite output is simultaneously carrying 30% of the total output power.
3. Recommended minimum load is 20% total load (sum of both outputs).
4. Effect on –Vout for the following conditions:
+Po = 30% to 70%; - Po = 70% to 30%
5. Short circuit measured with 1% 10 milliohm resistive load.
6. Indefinite short circuit protection not guaranteed above 125°C (case)
7. Recovery and startup times are measured from application of the transient or
change in condition to the point at which VOUT is within 1% of final value. CL
= 0.
8. Response of either output with the opposite output held at half of the total
output power.
9. Step load transition time 10 µs ±1 µs.
10. Step line transition time >100 µs.
11. Tested on release from inhibit.
12. Each output.
Crane Aerospace & Electronics Power Solutions
MFKsingleanddualdC-dCConverters
28 Volt input – 25 Watt
www.craneae.com/interpoint
Page 10 of 23
MFK Rev AJ - 2016.04.25
16tO50vOLtsInPUt–25WAtt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com