Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFK2815S/883 Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # MFK2815S/883
Description  MFK S ingle and D ual D C-DC Converters 16 to 50 vol ts i npu t ??25 Watt
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFK2815S/883 Datasheet(HTML) 3 Page - Interpoint Corporation Company

  MFK2815S/883 Datasheet HTML 1Page - Interpoint Corporation Company MFK2815S/883 Datasheet HTML 2Page - Interpoint Corporation Company MFK2815S/883 Datasheet HTML 3Page - Interpoint Corporation Company MFK2815S/883 Datasheet HTML 4Page - Interpoint Corporation Company MFK2815S/883 Datasheet HTML 5Page - Interpoint Corporation Company MFK2815S/883 Datasheet HTML 6Page - Interpoint Corporation Company MFK2815S/883 Datasheet HTML 7Page - Interpoint Corporation Company MFK2815S/883 Datasheet HTML 8Page - Interpoint Corporation Company MFK2815S/883 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Figure 3: MFk singLe Pin out (exCePt 28s)
Figure 4: MFk DuAL Pin out (inCLuDes 28s)
BOTTOM VIEW
SINGLES EXCEPT 28
NON-FLANGED OR FLANGED
Dot on top of cover
indicates pin one.
Dotted line outlines flanged package option.
1
2
3 4
7
6
5
BOTTOM VIEW
28 SINGLE AND ALL DUALS
NON-FLANGED OR FLANGED
Dot on top of cover
indicates pin one.
Dotted line outlines flanged package option.
1
2
3
4
5
8
7
6
PInOUt
Pin
singleOutput
MFK2828s
dualOutput
1
Inhibit
Inhibit
Inhibit
2
Output Common
Positive Output
Positive Output
3
Positive Output
No Connection
Output Common
4
Sync In
Output Common
Negative Output
5
Case Ground
Sync In
Sync In
6
Input Common
Case Ground
Case Ground
7
Positive Input
Input Common
Input Common
8
—
Positive Input
Positive Input
PInsnOtInUse
Inhibit
Leave unconnected
Sync
Leave unconnected
tAbLe 1: Pin out
tAbLe 2: Pins not in use
See Figure 32 on page 18 and Figure 34 on page 20 for dimensions.
See Figure 33 on page 19 and Figure 35 on page 21 for dimensions.
Crane Aerospace & Electronics Power Solutions
MFKsingleanddualdC-dCConverters
28 Volt input – 25 Watt
www.craneae.com/interpoint
Page 3 of 23
MFK Rev AJ - 2016.04.25
16tO50vOLtsInPUt–25WAtt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com