Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFL2815S/883 Datasheet(PDF) 7 Page - Interpoint Corporation Company

Part # MFL2815S/883
Description  MFL Single and Dual DC-DC Converters 28 Volt Input - 65 Watt
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFL2815S/883 Datasheet(HTML) 7 Page - Interpoint Corporation Company

Back Button MFL2815S/883 Datasheet HTML 3Page - Interpoint Corporation Company MFL2815S/883 Datasheet HTML 4Page - Interpoint Corporation Company MFL2815S/883 Datasheet HTML 5Page - Interpoint Corporation Company MFL2815S/883 Datasheet HTML 6Page - Interpoint Corporation Company MFL2815S/883 Datasheet HTML 7Page - Interpoint Corporation Company MFL2815S/883 Datasheet HTML 8Page - Interpoint Corporation Company MFL2815S/883 Datasheet HTML 9Page - Interpoint Corporation Company MFL2815S/883 Datasheet HTML 10Page - Interpoint Corporation Company MFL2815S/883 Datasheet HTML 11Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
table 6: electrical characteriSticS: -55°c to +125°c caSe, 28 Vin, 100% loaD, Free run, unleSS otherwiSe SpeciFieD.
Notes
1. guaranteed by qualification test and/or analysis. Not an in-line test.
2. Converter will shut down above approximately 45 volts input but will be
undamaged and will restart when voltage drops into normal range.
3. Recovery time is measured from application of the transient to the point at which
VOuT is within 1% of final value.
4. Tested on release from inhibit.
5. No affect on dc performance.
SINgLE OuTPuT MOdELS
MFL283R3S
MFL2805S
MFL2812S
uNITS
PaRaMETER
CONdITIONS
MIN
TYP
MaX
MIN
TYP
MaX
MIN
TYP
MaX
OuTPuT VOLTagE
3.21
3.30
3.39
4.87
5.00
5.13
11.76 12.00 12.24
V
OuTPuT CuRRENT
VIN = 16 to 40 V
0
—
12.12
0
—
10
0
—
5
a
OuTPuT POWER
VIN = 16 to 40 V
0
—
40
0
—
50
0
—
60
W
OuTPuT RIPPLE
TC = 25°C
—
10
35
—
15
35
—
30
75
mV p-p
10 kHZ - 2 MHZ
TC = -55°C TO +125°C
—
10
50
—
30
50
—
45
100
LINE REguLaTION
VIN = 16 TO 40 V
—
0
20
—
0
20
—
0
20
mV
LOad REguLaTION
NO LOad TO FuLL
—
—
40
—
—
20
—
—
20
mV
INPuT VOLTagE
CONTINuOuS
16
28
40
16
28
40
16
28
40
V
NO LOad TO FuLL
TRaNSIENT 50 ms 1, 2
—
—
80
—
—
80
—
—
80
V
INPuT CuRRENT
NO LOad
—
70
100
—
70
120
—
50
100
INHIBITEd–INH1
—
9
14
—
9
14
—
9
14
ma
INHIBITEd–INH2
—
35
70
—
35
70
—
35
70
INPuT RIPPLE CuRRENT
10 kHz - 10 MHz
—
15
50
—
15
50
—
15
50
ma p-p
EFFICIENCY
TC = 25°C
73
76
—
77
80
—
83
86
—
%
TC = -55°C TO +125°C
71
—
—
75
_
81
LOad FauLT
POWER dISSIPaTION
—
12.5
16
—
12.5
18
—
10
16
W
RECOVERY 1
—
1.5
6
—
1.5
4
—
1.5
4
ms
STEP LOad RESPONSE 3
TRaNSIENT
—
200
300
—
250
350
—
450
600
mV pk
50% - 100% - 50%
RECOVERY 1
—
1.5
3.0
—
1.5
3.0
—
1.5
3.0
ms
STEP LINE RESPONSE 1, 3
TRaNSIENT
—
250
300
—
250
300
—
250
400
mV pk
16 - 40 - 16
RECOVERY
—
200
600
—
200
300
—
200
300
µs
STaRT-uP 4
dELaY
—
3.5
6
—
3.5
6
—
3.5
6
ms
OVERSHOOT 1
—
0
25
—
0
25
—
0
25
mV pk
CaPaCITIVE LOad 1, 5
TC = 25°C
—
—
1000
—
—
1000
—
—
1000
µF
MFL single and dual dc-dc converters
28 VoLt input - 65 Watt
www.craneae.com/interpoint
Page 7 of 14
MFL Rev ad - 2016.02.19
Crane Aerospace & Electronics Power Solutions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com