Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHP27005S Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # MHP27005S
Description  MHP270 Single and Dual DC/DC Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHP27005S Datasheet(HTML) 6 Page - Interpoint Corporation Company

Back Button MHP27005S Datasheet HTML 2Page - Interpoint Corporation Company MHP27005S Datasheet HTML 3Page - Interpoint Corporation Company MHP27005S Datasheet HTML 4Page - Interpoint Corporation Company MHP27005S Datasheet HTML 5Page - Interpoint Corporation Company MHP27005S Datasheet HTML 6Page - Interpoint Corporation Company MHP27005S Datasheet HTML 7Page - Interpoint Corporation Company MHP27005S Datasheet HTML 8Page - Interpoint Corporation Company MHP27005S Datasheet HTML 9Page - Interpoint Corporation Company MHP27005S Datasheet HTML 10Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Electrical Characteristics: 25°C Tc, 270 VDC Vin, 100% load, free run, unless otherwise specified.
SINGLE OUTPUT MODELS
MHP27005S
MHP27012S
units
parameter
COnDitiOns
MIN
TyP
MAX
MIN
TyP
MAX
Output VOltage
4.95
5.00
5.05
11.88 12.00 12.12
VDC
Output Current
Vin = 160 tO 400 VDC
0
—
10
0
—
5
a
Output pOwer
Vin = 160 tO 400 VDC
0
—
50
0
—
60
w
Output ripple
10 khz - 2 mhz
—
—
50
—
—
80
mV p-p
line regulatiOn 2
Vin = 160 tO 400 VDC
—
—
50
—
–
120
mV
lOaD regulatiOn 2
nO lOaD tO Full
—
—
50
—
—
120
mV
input VOltage
COntinuOus
160
270
400
160
270
400
VDC
TRANSIENT 50 msec. 1, 3
—
—
450
—
—
450
V
input Current
nO lOaD
—
—
20
—
—
20
mA
inhibiteD–inh1
—
—
8
—
—
8
inhibiteD–inh2
—
—
15
—
—
15
input ripple
Current
10 khz - 10 mhz
—
—
60
—
—
60
mA p-p
eFFiCienCy
76
—
—
81
—
—
%
lOaD Fault
pOwer DissipatiOn
shOrt CirCuit
—
—
30
—
—
35
w
step lOaD
respOnse
50% - 100% - 50%
transient
—
—
300
—
—
700
mV pk
reCOVery 4
—
—
300
—
—
500
µs
CapaCitiVe lOaD 1
nO eFFeCt On DC
perFOrmanCe
—
—
1000
—
—
500
µF
Notes
1. guaranteed by design, not tested.
2. Load and line transition time > 10 µs
3. Unit will shut down above approximately 425V but will be
undamaged and will restart when voltage drops into normal
range.
4. Recovery time is measured from application of the transient to
point the point at which Vout is within 1% of final value.
Crane Aerospace & Electronics Power Solutions
MHp270 single and dual dc/dc converters
270 Volt input – 65 Watt
www.craneae.com/interpoint
Page 6 of 10
MHP270 Rev H - 2011.08.04



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com