Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSA2805S Datasheet(PDF) 11 Page - Interpoint Corporation Company

Part # MSA2805S
Description  MSA/MGA Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MSA2805S Datasheet(HTML) 11 Page - Interpoint Corporation Company

Back Button MSA2805S_13 Datasheet HTML 7Page - Interpoint Corporation Company MSA2805S_13 Datasheet HTML 8Page - Interpoint Corporation Company MSA2805S_13 Datasheet HTML 9Page - Interpoint Corporation Company MSA2805S_13 Datasheet HTML 10Page - Interpoint Corporation Company MSA2805S_13 Datasheet HTML 11Page - Interpoint Corporation Company MSA2805S_13 Datasheet HTML 12Page - Interpoint Corporation Company MSA2805S_13 Datasheet HTML 13Page - Interpoint Corporation Company MSA2805S_13 Datasheet HTML 14Page - Interpoint Corporation Company MSA2805S_13 Datasheet HTML 15Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
typiCal perFormanCe plots:
28 vIN, 25°C tC, 100% loaD, Free run, unless otherWise speCiFieD.
Theseareexamplesforreferenceonlyandarenotguaranteedspecifications.
Figure 18
500 µs/div
MSA/MGA2815D TURN-ON INTO NO LOAD
VIN
+VOUT
–VOUT
Figure 19
OUTPUT LOAD (+VOUT % / –VOUT %)
90–10% LOAD on +V, 10-90% LOAD on –V
MSA/MGA DUAL CROSS REGULATION
–10
0
10
90/10 70/30 50/50 30/70 10/90
–8
–6
–4
–2
2
4
6
8
2815D
2812D
Figure 20
OUTPUT POWER (Watts)
50 mV DROP
MSA/MGA LOW LINE DROPOUT VS. LOAD
12
17
16
15
14
13
1
2
3
4
5
6
2812D
2815D
Figure 21
Figure 22
OUTPUT LOAD (%)
COND. A: 50% LOAD +V; 10% to 50% –V
COND. B: 50% LOAD –V; 10% to 50% +V
MSA/MGA DUAL CROSS REGULATION
–5
0
5
10
20
30
40
50
–4
–3
–2
–1
1
2
3
4
2815D
2812D
2812D
COND B
COND A
Figure 23
Figure 24
200 µs/div
16 V TO 40 V
MSA/MGA2815D INPUT STEP LINE RESPONSE
VIN
+VOUT
–VOUT
200 µs/div
10%
90%
MSA/MGA2815D +VO STEP LOAD RESPONSE
10% to 90%
90% to 10%
–POUT=0.5W
100 µs/div
10%
50%)
MSA/MGA2815D +VO STEP LOAD RESPONSE
10% to 50%
50% to 10%
–POUT=2.5W
Figure 25
FREQUENCY (kHz)
MSA SERIES AUDIO REJECTION
100
0.1
1
10
100
90
80
70
60
50
40
30
20
10
Crane Aerospace & Electronics Power Solutions
MSA/MGA Single and Dual DC-DC Converters
28 Volt input – 5 WAtt
www.craneae.com/interpoint
Page11of15
MSA_MGARevAC-2013.06.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com