Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR283R3S/883 Datasheet(PDF) 24 Page - Interpoint Corporation Company

Part # MTR283R3S/883
Description  MTR (40) Single, Dual and Triple DC-DC Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR283R3S/883 Datasheet(HTML) 24 Page - Interpoint Corporation Company

Back Button MTR283R3S/883 Datasheet HTML 18Page - Interpoint Corporation Company MTR283R3S/883 Datasheet HTML 19Page - Interpoint Corporation Company MTR283R3S/883 Datasheet HTML 20Page - Interpoint Corporation Company MTR283R3S/883 Datasheet HTML 21Page - Interpoint Corporation Company MTR283R3S/883 Datasheet HTML 22Page - Interpoint Corporation Company MTR283R3S/883 Datasheet HTML 23Page - Interpoint Corporation Company MTR283R3S/883 Datasheet HTML 24Page - Interpoint Corporation Company MTR283R3S/883 Datasheet HTML 25Page - Interpoint Corporation Company MTR283R3S/883 Datasheet HTML 26Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Figure 42: Case k5 – Dual MoDels - non 883
0.155 (3.94)
0.955 (24.26)
0.040 dia
(1.02)
Solder Seal
Solder Tip-off
0.000
1.120 max. (28.45)
1
2
6
10
Flanged cases: Designator “F” required in Case Option position of model number.
BOTTOM VIEW CASE K5
3
4
5
7
8
9
0.555 (14.1)
Squared corner and dot on top
of case indicate pin one.
Weight 52 grams max.
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device.
Solder pins individually with heat application not exceeding 300°C for 10 seconds per pin.
Materials
Header
Cold Rolled Steel/Nickel/Tin
Cover
Cold Rolled Steel/Nickel/Tin
Pins
#52 alloy, compression glass seal
Gold plating of 50 - 150 microinches included in pin diameter
Seal hole 0.092 ±0.002 (2.34 ± 0.05)
Case K3 MTR D F non-883, Rev H, 2013.07.01
Please refer to the numerical dimensions for accuracy.
Flange thickness: 0.060 (1.52)
2 x R 0.170 (4.32)
2 x Dia 0.162 ±0.002
(4.11 ±0.05)
(2.910 max (73.91))
MTR Series Dual
(Standard and ES)
Crane Aerospace & Electronics Power Solutions
mTR (40) Single, Dual and Triple DC-DC Converters
28 (16-40) VOlT INPuT – 30 WaTT
www.craneae.com/interpoint
Page 24 of 26
MTR-01 Rev AA - 2013.09.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com