Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHP27005D Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # MHP27005D
Description  MHP270 Single and Dual DC/DC Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHP27005D Datasheet(HTML) 1 Page - Interpoint Corporation Company

  MHP27005D Datasheet HTML 1Page - Interpoint Corporation Company MHP27005D Datasheet HTML 2Page - Interpoint Corporation Company MHP27005D Datasheet HTML 3Page - Interpoint Corporation Company MHP27005D Datasheet HTML 4Page - Interpoint Corporation Company MHP27005D Datasheet HTML 5Page - Interpoint Corporation Company MHP27005D Datasheet HTML 6Page - Interpoint Corporation Company MHP27005D Datasheet HTML 7Page - Interpoint Corporation Company MHP27005D Datasheet HTML 8Page - Interpoint Corporation Company MHP27005D Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
description
The MHP270 Series™ DC/DC converters provide up to 65
watts of output power over -55°C to +100°C temperature range.
MHP270 models operate from a MIL-STD-704 nominal 270-volt
DC power bus with 160 to 400 VDC continuous operation with
surges to 450 volts. Isolated outputs include 5, 12, 15, and 28
VDC singles and ±5, ±12 and ±15 VDC duals. Parallel operation
for all loading conditions is supported without any requirement for
external components. The converters are available with standard
screening or “ES” screening
MHP270 DC/DC converters are constant frequency, pulse width
modulated switching power supplies which use a quasi-square
wave, two-switch single-ended forward converter design. Tight
load regulation is achieved through a wide-bandwidth magnetic
feedback circuit.
Up to five single output MHP270 converters may be used in
parallel to power a single load by simply connecting the share
pins of all units. Units in this configuration have an 85% current
sharing accuracy over 35% load to full load conditions.
MHP270 Series of converters feature a flexible synchronization
scheme in which units may be synchronized to an external clock
or to one another by using Sync In and Sync Out pins provided
on each unit. MHP270 converters have a nominal switching
frequency of 525 kHz, but may be synchronized at any frequency
from 475 to 575 kHz.
MHP270 converters meet a wide variety of military/aerospace
performance and environmental specifications. Their continuous
operation input voltage (160 to 400) meets the normal operating
limits of MIL-STD-704. The unit shuts down above approximately
425 volts, but it is rated to withstand a surge of up to 450 volts
for 50 milliseconds. The units are built as fully hermetic thick film
hybrids in our MIL-PRF-38534 certified facilities.
Features
Undervoltage lock-out – shuts down when the input line voltage
falls below approximately 120 VDC to provide smooth initializa-
tion.
Continuous short circuit protection – current limit set at approxi-
mately 125%.
Soft-start – controlled start-up at turn-on, release from inhibit and
recovery from load fault conditions.
Remote sense – Sense lines increase the output voltage to
compensate for IR drops in traces and wires. The voltage
compensation can be up to a maximum of 10% of nominal output
voltage to maintain tightly regulated voltage at the load.
Output VOltage OptiOns
The MHP270 Series converters are capable of providing other
output voltage options in addition to those characterized on this
datasheet. Contact your sales representative to discuss other
output voltage options, www.craneae.com/interpoint/contacts.
us patents
Interpoint converters may use one or more of the following US
patents 5,521,807, 5,694,303, and 5,631,822.
MODELS
VDC Output
single
5
12
15
28
Dual
±5
±12
±15
Features
parallel operation with current share,
up to 5 units (up to 276 watts)
Operating range -55° to +100°C
•
Input voltage 160 to 400 VDC
•
Transient protection 450 V for 50 ms
•
Fully isolated, magnetic feedback
•
Fixed high frequency switching
•
Remote sense on single models
•
Inhibit primary side and secondary side
•
Sync In and Sync Out
•
Indefinite short circuit protection
•
High power density, up to 85% efficiency
•
Crane Aerospace & Electronics Power Solutions
MHp270 single and dual dc/dc converters
Crane Aerospace & Electronics
Power Solutions - Interpoint Products
10301 Willows Road NE, Redmond, WA 98052
+1.425.882.3100•power@crane-eg.com
www.craneae.com/interpoint
Page 1 of 10
270 Volt input – 65 Watt
MHP270 Rev H - 2011.08.04


Similar Part No. - MHP27005D

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
MHP27005D CRANE-MHP27005D Datasheet
397Kb / 10P
MHP27005S
logo
Interpoint Corporation ...
MHP27005D INTERPOINT-MHP27005D Datasheet
493Kb / 10P
Parallel operation with current share, up to 5 units (up to 276 watts) Sync In and Sync Out
MHP27005D/ES INTERPOINT-MHP27005D/ES Datasheet
1Mb / 7P
DC/DC CONVERTERS 270 VOLT INPUT
logo
Crane Aerospace & Elect...
MHP27005D/ES CRANE-MHP27005D/ES Datasheet
397Kb / 10P
MHP27005S
MHP27005DF CRANE-MHP27005DF Datasheet
397Kb / 10P
MHP27005S
More results

Similar Description - MHP27005D

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
SMFL Single and Dual DC/DC Converters
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
SMFLHP Single and Dual DC/DC Converters
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
SLH Single and Dual DC-DC Converters
SMFL283R3S INTERPOINT-SMFL283R3S_16 Datasheet
332Kb / 15P
SMFL Single and Dual DC-DC Converters
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
SMFLHP Single and Dual DC-DC Converters
SMSA283R3 INTERPOINT-SMSA283R3_16 Datasheet
310Kb / 15P
SMSA Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com