Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSA2812D/883 Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # MSA2812D/883
Description  MSA/MGA Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MSA2812D/883 Datasheet(HTML) 6 Page - Interpoint Corporation Company

Back Button MSA2812D/883 Datasheet HTML 2Page - Interpoint Corporation Company MSA2812D/883 Datasheet HTML 3Page - Interpoint Corporation Company MSA2812D/883 Datasheet HTML 4Page - Interpoint Corporation Company MSA2812D/883 Datasheet HTML 5Page - Interpoint Corporation Company MSA2812D/883 Datasheet HTML 6Page - Interpoint Corporation Company MSA2812D/883 Datasheet HTML 7Page - Interpoint Corporation Company MSA2812D/883 Datasheet HTML 8Page - Interpoint Corporation Company MSA2812D/883 Datasheet HTML 9Page - Interpoint Corporation Company MSA2812D/883 Datasheet HTML 10Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
table 8: operating ConDitions, all moDels : 25°C tC, 28 vDC vin, 100% loaD, unless otherWise speCiFieD.
ALLMODELS
PARAMETER
CONDITIONS
MIN
TYP
MAx
UNITS
LEADSOLDERINGTEMPERATURE
10SECONDSMAx.PERLEAD
—
—
300
°C
MGA,SURFACEMOUNT
SN60,62OR63RECOMMENDED
220°Cformax.of30seconds
SOLDERREFLOW2
STORAGETEMPERATURE1
-65
—
+150
°C
CASEOPERATING
FULLPOWER
-55
—
+125
°C
TEMPERATURE
ABSOLUTE1
-55
—
+135
DERATINGOUTPUTPOWER/CURRENT1
LINEARLY
From100%at125°Cto0%at135°C
ISOLATION,INPUTTOOUTPUT,
@500VDCAT25°C
100
—
—
Megohms
ANYPINTOCASEExCEPTCASEPIN
INPUTTOOUTPUTCAPACITANCE1
—
50
—
pF
UNDERVOLTAGELOCkOUT1
—
13
—
V
CURRENTLIMIT1,3
%OFFULLLOAD
—
115%
—
%
AUDIOREJECTION1
—
50
—
dB
CONVERSIONFREQUENCY
FREERUN-55°TO+125°C
400
—
600
kHz
INHIBITACTIVELOW(OUTPUTDISABLED) INHIBITPINPULLEDLOW
—
—
0.8
VDC
Donotapplyavoltagetotheinhibitpin.4
INHIBITPINSOURCECURRENT1
—
—
4
mA
REFERENCEDTO
INPUTCOMMON
INHIBITACTIVEHIGH(OUTPUTENABLED)
Donotapplyavoltagetotheinhibitpin.4
INHIBITPINCONDITION
OPENCOLLECTOROR
UNCONNECTED
OPENPINVOLTAGE1
9
—
11
V
Notes:
1.Guaranteedbyqualificationtestand/oranalysis.Notanin-linetest.
2.See“Figure28:MGAGull-WingSolderPadLayout”onpage13formoreinformation
3.Dualoutputs:Theover-currentlimitwilltriggerwhenthesumofthecurrentsfrombothoutputsreaches115%(typicalvalue)ofthemaximum
rated“total”currentofbothoutputs.
4.Anexternalinhibitinterfaceshouldbeusedtopulltheinhibitloworleaveitfloating.Theinhibitpincanbeleftunconnectedifnotused.
Crane Aerospace & Electronics Power Solutions
MSA/MGA Single and Dual DC-DC Converters
28 Volt input – 5 WAtt
www.craneae.com/interpoint
Page6of15
MSA_MGARevAC-2013.06.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com