Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR2805d/883 Datasheet(PDF) 17 Page - Interpoint Corporation Company

Part # MTR2805d/883
Description  MTR (40) Single, Dual and Triple DC-DC Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR2805d/883 Datasheet(HTML) 17 Page - Interpoint Corporation Company

Back Button MTR2805d/883 Datasheet HTML 13Page - Interpoint Corporation Company MTR2805d/883 Datasheet HTML 14Page - Interpoint Corporation Company MTR2805d/883 Datasheet HTML 15Page - Interpoint Corporation Company MTR2805d/883 Datasheet HTML 16Page - Interpoint Corporation Company MTR2805d/883 Datasheet HTML 17Page - Interpoint Corporation Company MTR2805d/883 Datasheet HTML 18Page - Interpoint Corporation Company MTR2805d/883 Datasheet HTML 19Page - Interpoint Corporation Company MTR2805d/883 Datasheet HTML 20Page - Interpoint Corporation Company MTR2805d/883 Datasheet HTML 21Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Figure 20
Figure 21
OUTPUT LOAD (%)
COND. B: 50% LOAD +V, 50% to 10% –V
COND. A: 50% LOAD –V, 50% to 10% +V
CROSS REGULATION
–8
0
8
10
20
30
40
50
–7
–6
–5
–4
–3
–2
–1
1
2
3
4
5
6
7
COND A
COND B
2812D
2812D
2815D
2805D
2805D
OUTPUT POWER (WATTS)
MTR28512T EFFICIENCY
55
80
75
70
65
60
5
10
15
20
25
30
40V
28V
16V
OUTPUT POWER (Watts)
1% DROP
MTR SINGLES AND DUALS
LOW LINE DROPOUT
13.0
13.5
14.0
14.5
15.0
15.5
16.0
9
12
15 18 21 24 27 30
Figure 22
50 µs/div
10%
100%
MTR2815D +VOUT STEP LOAD RESPONSE
3W to 15W
15W to 3W
Figure 23
200 µs/div
MTR2815D TURN-ON INTO NO LOAD
VIN
+VOUT
–VOUT
Figure 24
Figure 25
3
27
6
24
9
21
12
18
15
15
18
12
21
9
24
6
27
3
30
0
+POUT
–POUT
0
30
OUTPUT LOAD (Watts)
10% to 90% LOAD +V, 90% to 10% LOAD –V
CROSS REGULATION
10
9
8
7
6
5
4
3
2
1
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
2812D
2815D
2815D
2812D
2805D
2805D
Figure 26
Figure 27
500 µs / div
MTR2805S TURN-ON INTO NO LOAD
VIN
VOUT
50 µs/div
25%
50%
MTR2815D +VOUT STEP LOAD RESPONSE
–POUT=15W
7.5W to 15W
15W to 7.5W
50 µs/div
16 TO 40
MTR2815D STEP LINE RESPONSE
VIN
+VOUT
–VOUT
Figure 28
Typical Performance Curves: 25°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
Crane Aerospace & Electronics Power Solutions
mTR (40) Single, Dual and Triple DC-DC Converters
28 (16-40) VOlT INPuT – 30 WaTT
www.craneae.com/interpoint
Page 17 of 26
MTR-01 Rev AA - 2013.09.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com