Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSA2815D/883 Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # MSA2815D/883
Description  MSA/MGA Single and Dual DC-DC Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MSA2815D/883 Datasheet(HTML) 2 Page - Interpoint Corporation Company

  MSA2815D/883 Datasheet HTML 1Page - Interpoint Corporation Company MSA2815D/883 Datasheet HTML 2Page - Interpoint Corporation Company MSA2815D/883 Datasheet HTML 3Page - Interpoint Corporation Company MSA2815D/883 Datasheet HTML 4Page - Interpoint Corporation Company MSA2815D/883 Datasheet HTML 5Page - Interpoint Corporation Company MSA2815D/883 Datasheet HTML 6Page - Interpoint Corporation Company MSA2815D/883 Datasheet HTML 7Page - Interpoint Corporation Company MSA2815D/883 Datasheet HTML 8Page - Interpoint Corporation Company MSA2815D/883 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
inhibit FunCtion
Theinhibitfeaturecanbeusedtodisableinternalswitchingand
inhibittheunit’soutput.Inhibitinginthismannerresultsinlow
standbycurrentandnogenerationofswitchingnoise.
Theconverterisinhibitedwhentheinhibitpinispulledbelow
0.8Vandenabledwhenitsinhibitpinisleftfloating.Anexternal
inhibitinterfaceshouldbecapableofpullingtheconverter’s
inhibitpinbelow0.8Vwhilesinkingthemaximuminhibitcurrent
andalsoallowingtheinhibitpintofloathightoenablethe
converter.Avoltageshouldnotbeappliedtotheinhibitpin.The
opencircuitoutputvoltageassociatedwiththeinhibitpinis9to
11V.Intheinhibitmode,amaximumof4mAmustbesunkfrom
theinhibitpin.See“Figure2:InhibitInterfaceMSAandMGA”on
page3.
unDervoltage loCkout anD transient
proteCtion
Undervoltagelockouthelpskeepsystemcurrentlevelslowduring
initializationorre-startoperations.Theycanwithstandshortterm
transientsofupto50voltswithoutdamage.Alowvoltagelockout
featurekeepstheconvertershutdownbelowapproximately13
VDCtoensuresmoothinitialization.
mil-stD-461
UseourFMSA-461(down-leaded)orourFMGA-461(surface
mount)EMIfiltertopasstheCE03requirementsof
MIL-STD-461C.
paCkaging
MSA-Down-leadedpackage
TheMSASeriesconvertersarepackagedinhermeticallysealed,
projection-weldedmetalcaseswhichprovideEMI/RFIshielding.
Thesmallsize,1.075x1.075x0.270inches(27.31x27.31x
6.86mm),savesspaceandweightincriticalapplications.See
“Figure26:MSACaseDimensions”onpage12.
MGA-Surfacemountpackage
ThesurfacemountMGAdc-dcconverterscanbemountedwith
pick-and-placeequipmentormanually.See“Figure28:MGA
Gull-WingSolderPadLayout”onpage13formoreinformation.
InternalcomponentsaresolderedwithSN96(melting
temperature221°C)topreventdamageduringreflow.Maximum
reflowtemperatureforsurfacemountingtheMGAconverteris
220°Cforamaximumof30seconds.SN60,62,or63arethe
recommendedtypesofsolder.Handsolderingshouldnotexceed
300°Cfor10secondsperpin.
Thehermeticallysealedmetalcasesareavailableintwodifferent
leadconfigurations.See“Figure27:MGACaseDimensions”on
page13and“Figure28:MGAGull-WingSolderPadLayout”
onpage13.
Negative
Output
Output
Common
Positive
Output
Input
Common
Case
Ground
Positive
Input
Inhibit
PWM
Control
Error
Amp
Isolated
Feedback
VR
= Dual Output
+
+
Figure 1: bloCk Diagram msa anD mga
Crane Aerospace & Electronics Power Solutions
MSA/MGA Single and Dual DC-DC Converters
28 Volt input – 5 WAtt
www.craneae.com/interpoint
Page2of15
MSA_MGARevAC-2013.06.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com